Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 24Page - STMicroelectronics M58BW016DB Datasheet HTML 25Page - STMicroelectronics M58BW016DB Datasheet HTML 26Page - STMicroelectronics M58BW016DB Datasheet HTML 27Page - STMicroelectronics M58BW016DB Datasheet HTML 28Page - STMicroelectronics M58BW016DB Datasheet HTML 29Page - STMicroelectronics M58BW016DB Datasheet HTML 30Page - STMicroelectronics M58BW016DB Datasheet HTML 31Page - STMicroelectronics M58BW016DB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
Command interface
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
28/69
4
Command interface
All Bus Write operations to the memory are interpreted by the command interface.
Commands consist of one or more sequential Bus Write operations. The commands are
summarized in Table 9: Commands. Refer to Table 9 in conjunction with the text
descriptions below.
4.1
Read Memory Array command
The Read Memory Array command returns the memory to Read mode. One Bus Write cycle
is required to issue the Read Memory Array command and return the memory to Read
mode. Subsequent read operations will output the addressed memory array data. Once the
command is issued the memory remains in Read mode until another command is issued.
From Read mode Bus Read commands will access the memory array.
4.2
Read Electronic Signature command
The Read Electronic Signature command is used to read the manufacturer code, the device
code or the Burst Configuration Register. One Bus Write cycle is required to issue the Read
Electronic Signature command. Once the command is issued subsequent Bus Read
operations, depending on the address specified, read the manufacturer code, the device
code or the Burst Configuration Register until another command is issued; see Table 5:
Asynchronous Read Electronic Signature operation.
4.3
Read Query command
The Read Query command is used to read data from the common Flash interface (CFI)
memory area. One Bus Write cycle is required to issue the Read Query command. Once
the command is issued subsequent Bus Read operations, depending on the address
specified, read from the common Flash interface memory area. See Appendix A: Common
Flash interface (CFI), Table 25, Table 26, Table 27, Table 28 and Table 29 for details on the
information contained in the common Flash interface (CFI) memory area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com