Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 18 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 14Page - STMicroelectronics M58BW016DB Datasheet HTML 15Page - STMicroelectronics M58BW016DB Datasheet HTML 16Page - STMicroelectronics M58BW016DB Datasheet HTML 17Page - STMicroelectronics M58BW016DB Datasheet HTML 18Page - STMicroelectronics M58BW016DB Datasheet HTML 19Page - STMicroelectronics M58BW016DB Datasheet HTML 20Page - STMicroelectronics M58BW016DB Datasheet HTML 21Page - STMicroelectronics M58BW016DB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
Bus operations
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
18/69
3
Bus operations
Each bus operation that controls the memory is described in this section, see Table 4,
Table 5 and Table 6 Bus operations, for a summary. The bus operation is selected through
the Burst Configuration Register; the bits in this register are described at the end of this
section.
On power-up or after a hardware reset the memory defaults to Asynchronous Bus Read and
Asynchronous Bus Write, no other bus operation can be performed until the Burst Control
Register has been configured.
The electronic signature, CFI or Status Register will be read in asynchronous mode
regardless of the Burst Control Register settings.
Typically glitches of less than 5 ns on Chip Enable or Write Enable are ignored by the
memory and do not affect bus operations.
3.1
Asynchronous Bus operations
For asynchronous bus operations refer to Table 4 together with the following text.
3.1.1
Asynchronous Bus Read
Asynchronous Bus Read operations read from the memory cells, or specific registers
(electronic signature, Status Register, CFI and Burst Configuration Register) in the
command interface. A valid bus operation involves setting the desired address on the
address inputs, applying a Low signal, VIL, to Chip Enable and Output Enable and keeping
Write Enable and Output Disable High, VIH. The Data inputs/outputs will output the value,
see Figure 8: Asynchronous Bus Read AC waveforms, and Table 16: Asynchronous Bus
Read AC characteristics, for details of when the output becomes valid.
Asynchronous Read is the default read mode which the device enters on power-up or on
return from Reset/Power-down.
3.1.2
Asynchronous Latch Controlled Bus Read
Asynchronous Latch Controlled Bus Read operations read from the memory cells or specific
registers in the command interface. The address is latched in the memory before the value
is output on the data bus, allowing the address to change during the cycle without affecting
the address that the memory uses.
A valid bus operation involves setting the desired address on the address inputs, setting
Chip Enable and Latch Enable Low, VIL and keeping Write Enable High, VIH; the address is
latched on the rising edge of Latch Enable. Once latched, the address inputs can change.
Set Output Enable Low, VIL, to read the data on the Data inputs/outputs; see Figure 9:
Asynchronous Latch Controlled Bus Read AC waveforms, and Table 17: Asynchronous
Latch Controlled Bus Read AC characteristics, for details on when the output becomes
valid.
Note that, since the Latch Enable input is transparent when set Low, VIL, Asynchronous Bus
Read operations can be performed when the memory is configured for Asynchronous Latch
Enable bus operations by holding Latch Enable Low, VIL throughout the bus operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com