Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 25 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 21Page - STMicroelectronics M58BW016DB Datasheet HTML 22Page - STMicroelectronics M58BW016DB Datasheet HTML 23Page - STMicroelectronics M58BW016DB Datasheet HTML 24Page - STMicroelectronics M58BW016DB Datasheet HTML 25Page - STMicroelectronics M58BW016DB Datasheet HTML 26Page - STMicroelectronics M58BW016DB Datasheet HTML 27Page - STMicroelectronics M58BW016DB Datasheet HTML 28Page - STMicroelectronics M58BW016DB Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Bus operations
25/69
Table 7.
Burst Configuration Register
Bit
Description
Value
Description
M15
Read Select
0
Synchronous Burst Read
1
Asynchronous Read (default at power-on)
M14
0
Reserved (default value)
M13-M11
X-Latency(1)
1.
X latencies can be calculated as: (tAVQV – tLLKH + tQVKH) + tSYSTEM MARGIN < (X -1) tK. (X is an integer
number from 4 to 8, tK is the clock period and tSYSTEM MARGIN is the time margin required for the
calculation).
000
Reserved (default value)
001
Reserved
010
Reserved
011
5, 5-1-1-1, 5-2-2-2
100
6, 6-1-1-1, 6-2-2-2
101
7, 7-1-1-1, 7-2-2-2
110
8, 8-1-1-1, 8-2-2-2
111
Reserved
M10
0
Reserved (default value)
M9
Y-Latency(2)
2.
Y latencies can be calculated as: tKHQV + tSYSTEM MARGIN + tQVKH < Y tK.
0
One Burst Clock cycle (default value)
1
Two Burst Clock cycles
M8
Valid Data Ready
0
R valid Low during valid Burst Clock edge (default
value)
1
R valid Low 1 data cycle before valid Burst Clock edge
M7
Burst Type
0
Interleaved (default value)
1
Sequential
M6
Valid Clock Edge
0
Falling Burst Clock edge (default value)
1
Rising Burst Clock edge
M5-M4
00
Reserved (default value)
01
Reserved
10
Reserved
11
Reserved
M3
Wrapping
0
Wrap (default value)
1
No wrap
M2-M0
Burst Length
000
Reserved (default value)
001
4 double-words
010
8 double-words
011
Reserved
100
Reserved
101
Reserved
110
Reserved
111
Continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com