Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 12 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 8Page - STMicroelectronics M58BW016DB Datasheet HTML 9Page - STMicroelectronics M58BW016DB Datasheet HTML 10Page - STMicroelectronics M58BW016DB Datasheet HTML 11Page - STMicroelectronics M58BW016DB Datasheet HTML 12Page - STMicroelectronics M58BW016DB Datasheet HTML 13Page - STMicroelectronics M58BW016DB Datasheet HTML 14Page - STMicroelectronics M58BW016DB Datasheet HTML 15Page - STMicroelectronics M58BW016DB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Description
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
12/69
Table 2.
M58BW016DT and M58BW016FT top boot block addresses
#
Size (Kbit)
Address range
38
64
7F800h-7FFFFh
37
64
7F000h-7F7FFh
36
64
7E800h-7EFFFh
35
64
7E000h-7E7FFh
34
64
7D800h-7DFFFh
33
64
7D000h-7D7FFh
32
64
7C800h-7CFFFh
31
64
7C000h-7C7FFh
30
512
78000h-7BFFFh
29
512
74000h-77FFFh
28
512
70000h-73FFFh
27
512
6C000h-6FFFFh
26
512
68000h-6BFFFh
25
512
64000h-67FFFh
24
512
60000h-63FFFh
23
512
5C000h-5FFFFh
22
512
58000h-5BFFFh
21
512
54000h-57FFFh
20
512
50000h-53FFFh
19
512
4C000h-4FFFFh
18
512
48000h-4BFFFh
17
512
44000h-47FFFh
16
512
40000h-43FFFh
15
512
3C000h-3FFFFh
14
512
38000h-3BFFFh
13
512
34000h-37FFFh
12
512
30000h-33FFFh
11
512
2C000h-2FFFFh
10
512
28000h-2BFFFh
9
512
24000h-27FFFh
8
512
20000h-23FFFh
7
512
1C000h-1FFFFh
6
512
18000h-1BFFFh
5
512
14000h-17FFFh
4
512
10000h-13FFFh
3
512
0C000h-0FFFFh
2
512
08000h-0BFFFh
1
512
04000h-07FFFh
0
512
00000h-03FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com