Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 67 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 67 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 61Page - STMicroelectronics M58BW016DB Datasheet HTML 62Page - STMicroelectronics M58BW016DB Datasheet HTML 63Page - STMicroelectronics M58BW016DB Datasheet HTML 64Page - STMicroelectronics M58BW016DB Datasheet HTML 65Page - STMicroelectronics M58BW016DB Datasheet HTML 66Page - STMicroelectronics M58BW016DB Datasheet HTML 67Page - STMicroelectronics M58BW016DB Datasheet HTML 68Page - STMicroelectronics M58BW016DB Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Revision history
67/69
Revision history
Table 30.
Document revision history
Date
Version
Changes
January-2001
01
First Issue.
05-Jun-2001
02
Major rewrite and restructure.
15-Jun-2001
03
Nd and Ne values changed in PQFP80 package mechanical table.
17-Jul-2001
04
PQFP80 package outline drawing and mechanical data table updated.
17-Dec-2001
05
tLEAD removed from absolute maximum ratings (Table 12).
80, 90 and 100 ns speed classes defined (Table 16, Table 17, Table 18,
Table 19 and Table 20 clarified accordingly).
Figure 13, Figure 14, Figure 15 and Figure 16 clarified.
Temperature range 3 and 6 added.
Table 13, Table 14, Table 15, Table 21 and CFI Table 26, Table 27,
Table 28, Table 29 clarified.
Document status changed from Product Preview to Preliminary Data.
17-Jan-2002
06
DC characteristics IPP, IPP1 and IDD1 clarified.
AC Bus Read characteristics timing tGHQZ clarified.
30-Aug-2002
6.1
Revision numbering modified: a minor revision will be indicated by
incrementing the tenths digit, and a major revision, by incrementing the
units digit of the previous version (e.g. revision version 06 becomes 6.0).
References of VPP pin used for block protection purposes removed.
Figure 8 modified.
4-Sep-2002
7.0
Datasheet status changed from Preliminary Data to full Datasheet.
tWLWH parameter modified in Table 19: Asynchronous Write and Latch
Controlled Write AC characteristics.
13-May-2003
7.1
Revision history moved to end of document. VPP clarified in Program
and Block Erase commands and Status Register, VPP Status bit. VPPLK
added to DC characteristics table. Timing tKHQV modified.
16-Oct-2003
7.2
Silicon Version added to Ordering Information Scheme.
03-Mar-2005
8.0
Tuning block protection feature removed from the whole document and
root part numbers M58BW016BT/B have been removed.
Figure 21, Figure 22, Figure 23, Figure 24, Figure 25 and Figure 27
updated.
LBGA80 package (ZA) removed. Lead-free option added.
90 and 100 ns access times removed and 70 ns added.
Temperature rage 6 removed from Table 24: Ordering information
scheme.
06-Sep-2005
9.0
Load capacitance updated in Table 13: Operating and AC measurement
conditions.
3-Mar-2006
10.0
Updated Table 24: Ordering information scheme on page 54 and
Disclaimer information. Converted document to new template.
16-Jun-2006
11
M58BW016FT and M58BW016FB part numbers added. Small text
changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com