Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 32 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 28Page - STMicroelectronics M58BW016DB Datasheet HTML 29Page - STMicroelectronics M58BW016DB Datasheet HTML 30Page - STMicroelectronics M58BW016DB Datasheet HTML 31Page - STMicroelectronics M58BW016DB Datasheet HTML 32Page - STMicroelectronics M58BW016DB Datasheet HTML 33Page - STMicroelectronics M58BW016DB Datasheet HTML 34Page - STMicroelectronics M58BW016DB Datasheet HTML 35Page - STMicroelectronics M58BW016DB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
Command interface
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
32/69
4.10
Set Burst Configuration Register command
The Set Burst Configuration Register command is used to write a new value to the Burst
Configuration Control Register which defines the burst length, type, X and Y latencies,
Synchronous/Asynchronous Read mode and the valid Clock edge configuration.
Two Bus Write cycles are required to issue the Set Burst Configuration Register command.
The first cycle writes the setup command and the address corresponding to the Set Burst
Configuration Register content. The second cycle writes the Burst Configuration Register
data and the confirm command. Once the command is issued the memory returns to Read
mode as if a Read Memory Array command had been issued.
The value for the Burst Configuration Register is always presented on A0-A15. M0 is on A0,
M1 on A1, etc.; the other address bits are ignored.
Table 9.
Commands(1)
1.
X = Don’t care; RA = Read Address, RD = Read Data, ID = Device Code, SRD = Status Register Data, PA
= Program Address; PD = Program Data, QA = Query Address, QD = Query Data, BA = Any address in the
Block, BCR = Burst Configuration Register value.
Command
Bus operations
1st cycle
2nd cycle
Op.
Addr.
Data
Op.
Addr.
Data
Read Memory Array
≥ 2
Write
X
FFh
Read
RA
RD
Read Electronic Signature
(manufacturer code)
≥ 2
Write
X
90h
Read
00000h
20h
Read Electronic Signature
(device code)
≥ 2
Write
X
90h
Read
00001h
IDh
Read Electronic Signature
(Burst Configuration Register)
≥ 2
Write
X
90h
Read
00005h
BCRh
Read Status Register
2
Write
X
70h
Read
X
SRDh
Read Query
≥ 2
Write
X
98h
Read
QAh
QDh
Clear Status Register
1
Write
X
50h
Block Erase
2
Write
X
20h
Write
BAh
D0h
Program
2
Write
X
40h
10h
Write
PA
PD
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Set Burst Configuration Register
2
Write
X
60h
Write
BCRh
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com