Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 41 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 37Page - STMicroelectronics M58BW016DB Datasheet HTML 38Page - STMicroelectronics M58BW016DB Datasheet HTML 39Page - STMicroelectronics M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics M58BW016DB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
DC and AC parameters
41/69
Figure 8.
Asynchronous Bus Read AC waveforms
.
Table 16.
Asynchronous Bus Read AC characteristics
Symbol
Parameter
Test condition
M58BW016
Unit
70
80
tAVAV
Address Valid to Address Valid
E =VIL, G =VIL
Min
70
80
ns
tAVQV
Address Valid to Output Valid
E =VIL, G =VIL
Max
70
80
ns
tAXQX
Address Transition to Output Transition
E = VIL, G = VIL
Min
0
0
ns
tEHLX
Chip Enable High to Latch Enable Transition
Min
0
0
ns
tEHQX Chip Enable High to Output Transition
G =VIL
Min
0
0
ns
tEHQZ
Chip Enable High to Output Hi-Z
G =VIL
Max
20
20
ns
tELQV
(1)
1.
Output Enable G may be delayed up to tELQV - tGLQV after the falling edge of Chip Enable E without
increasing tELQV.
Chip Enable Low to Output Valid
G =VIL
Max
70
80
ns
tELQX
Chip Enable Low to Output Transition
G =VIL
Min
0
0
ns
tGHQX Output Enable High to Output Transition
E =VIL
Min
0
0
ns
tGHQZ Output Enable High to Output Hi-Z
E =VIL
Max
15
15
ns
tGLQV
Output Enable Low to Output Valid
E =VIL
Max
25
25
ns
tGLQX
Output Enable to Output Transition
E =VIL
Min
0
0
ns
tLLEL
Latch Enable Low to Chip Enable Low
Min
0
0
ns
AI04407C
E
G
L
A0-A18
DQ0-DQ31
VALID
tLLEL
tAXQX
tELQX
tELQV
tAVQV
tGLQX
tGLQV
tEHQX
tEHQZ
tGHQX
tGHQZ
See also Page Read
OUTPUT
tEHLX
tAVAV
GD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com