Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 13Page - STMicroelectronics M58BW016DB Datasheet HTML 14Page - STMicroelectronics M58BW016DB Datasheet HTML 15Page - STMicroelectronics M58BW016DB Datasheet HTML 16Page - STMicroelectronics M58BW016DB Datasheet HTML 17Page - STMicroelectronics M58BW016DB Datasheet HTML 18Page - STMicroelectronics M58BW016DB Datasheet HTML 19Page - STMicroelectronics M58BW016DB Datasheet HTML 20Page - STMicroelectronics M58BW016DB Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Signal descriptions
17/69
2.14
Output supply voltage (VDDQ)
The output supply voltage, VDDQ, is the output buffer power supply for all operations (Read,
Program and Erase) used for DQ0-DQ31 when used as outputs.
2.15
Input supply voltage (VDDQIN)
The input supply voltage, VDDIN, is the power supply for all input signal. Input signals are: K, B,
L, W, GD, G, E, A0-A18 and DQ0-DQ31, when used as inputs.
2.16
Program/Erase supply voltage (VPP)
The Program/Erase supply voltage, VPP, is used for program and erase operations. The
memory normally executes program and erase operations at VPP1 voltage levels. In a
manufacturing environment, programming may be speeded up by applying a higher voltage
level, VPPH, to the VPP pin.
The voltage level VPPH may be applied for a total of 80 hours over a maximum of 1000
cycles. Stressing the device beyond these limits could damage the device.
2.17
Ground (VSS and VSSQ)
The ground VSS is the reference for the internal supply voltage VDD. The ground VSSQ is the
reference for the output and input supplies VDDQ, and VDDQIN. It is essential to connect VSS
and VSSQ together.
Note:
A 0.1 µF capacitor should be connected between the supply voltages, VDD, VDDQ and VDDIN
and the grounds, VSS and VSSQ to decouple the current surges from the power supply. The
PCB track widths must be sufficient to carry the currents required during all operations of
the parts, see Table 15: DC characteristics, for maximum current supply requirements.
2.18
Don’t use (DU)
This pin should not be used as it is internally connected. Its voltage level can be between
VSS and VDDQ or leave it unconnected.
2.19
Not connected (NC)
This pin is not physically connected to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com