Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 10Page - STMicroelectronics M58BW016DB Datasheet HTML 11Page - STMicroelectronics M58BW016DB Datasheet HTML 12Page - STMicroelectronics M58BW016DB Datasheet HTML 13Page - STMicroelectronics M58BW016DB Datasheet HTML 14Page - STMicroelectronics M58BW016DB Datasheet HTML 15Page - STMicroelectronics M58BW016DB Datasheet HTML 16Page - STMicroelectronics M58BW016DB Datasheet HTML 17Page - STMicroelectronics M58BW016DB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
Signal descriptions
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
14/69
2
Signal descriptions
See Figure 1: Logic diagram, and Table 1: Signal names for a brief overview of the signals
connected to this device.
2.1
Address inputs (A0-A18)
The address inputs are used to select the cells to access in the memory array during Bus
operations either to read or to program data. During Bus Write operations they control the
commands sent to the command interface of the Program/Erase controller. Chip Enable
must be Low when selecting the addresses.
The address inputs are latched on the rising edge of Latch Enable L or Burst Clock K,
whichever occurs first, in a read operation.The address inputs are latched on the rising edge
of Chip Enable, Write Enable or Latch Enable, whichever occurs first in a write operation.
The address latch is transparent when Latch Enable is Low, VIL. The address is internally
latched in an erase or program operation.
2.2
Data inputs/outputs (DQ0-DQ31)
The Data inputs/outputs output the data stored at the selected address during a Bus Read
operation, or are used to input the data during a program operation. During Bus Write
operations they represent the commands sent to the command interface of the
Program/Erase controller. When used to input data or write commands they are latched on
the rising edge of Write Enable or Chip Enable, whichever occurs first.
When Chip Enable and Output Enable are both Low, VIL, and Output Disable is at VIH, the
data bus outputs data from the memory array, the electronic signature, the CFI information
or the contents of the Status Register. The data bus is high impedance when the device is
deselected with Chip Enable at VIH, Output Enable at VIH, Output Disable at VIL or
Reset/Power-down at VIL. The Status Register content is output on DQ0-DQ7 and DQ8-
DQ31 are at VIL.
2.3
Chip Enable (E)
The Chip Enable, E, input activates the memory control logic, input buffers, decoders and
sense amplifiers. Chip Enable, E, at VIH deselects the memory and reduces the power
consumption to the standby level.
2.4
Output Enable (G)
The Output Enable, G, gates the outputs through the data output buffers during a read
operation, when Output Disable GD is at VIH. When Output Enable G is at VIH, the outputs
are high impedance independently of Output Disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com