Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 40 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 36Page - STMicroelectronics M58BW016DB Datasheet HTML 37Page - STMicroelectronics M58BW016DB Datasheet HTML 38Page - STMicroelectronics M58BW016DB Datasheet HTML 39Page - STMicroelectronics M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
DC and AC parameters
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
40/69
Table 15.
DC characteristics
Symbol
Parameter
Test condition
Min
Max
Unit
ILI
Input Leakage current
0 V
≤ V
IN ≤ VDDQ
±1
µA
ILO
Output Leakage current
0 V≤ VOUT ≤VDDQ
±5
µA
IDD
Supply current (Random Read)
E =VIL, G =VIH,
fadd =6MHz
M58BW016DT/B
20
mA
M58BW016FT/B
25
IDDP-UP
(1) Supply current (Power-up)
E =VIH
applies only to
M58BW016FT/B
20
mA
IDDB
Supply current (Burst Read)
E =VIL, G =VIH,
fclock =40MHz
M58BW016DT/B
30
mA
M58BW016FT/B
E =VIL, G =VIH,
fclock =56MHz
M58BW016DT/B
30
mA
M58BW016FT/B
40
mA
IDD1
Supply current (Standby)
E =RP =VDD ±
0.2 V
M58BW016DT/B
60
µA
M58BW016FT/B
150
µA
Supply current (Auto Low-Power)
E =VSS ±0.2 V,
RP =VDD ±0.2 V
60
µA
IDD2
Supply current (Reset/Power-down)
RP =VSS ±0.2 V
60
µA
IDD3
Supply current (Program or Erase,
Set Lock bit, Erase Lock bit)
Program, Block Erase in progress
30
mA
IDD4
Supply current
(Erase/Program Suspend)
E =VIH
M58BW016DT/B
40
µA
M58BW016FT/B
150
µA
IPP
Program current (Read or Standby)
VPP ≥ VPP1
± 30
µA
IPP1
Program current (Read or Standby)
VPP ≤ VPP1
± 30
µA
IPP2
Program current (Power-down)
RP =VIL
± 5
µA
IPP3
Program current (Program)
Program in progress
VPP =VPP1
200
µA
VPP =VPPH
20
mA
IPP4
Program current (Erase) Erase in
progress
VPP =VPP1
200
µA
VPP =VPPH
20
mA
VIL
Input Low voltage
–0.5
0.2VDDQIN
V
VIH
Input High voltage (for DQ lines)
0.8VDDQIN VDDQ+0.3
V
VIH
Input High voltage (for input only
lines)
0.8VDDQIN
3.6
V
VOL
Output Low voltage
IOL = 100 µA
0.1
V
VOH
Output High voltage CMOS
IOH =–100µA
VDDQ–0.1
V
VPP1
Program voltage
(program or erase operations)
2.7
3.6
V
VPPH
Program voltage
(program or erase operations)
11.4
12.6
V
VLKO
VDD supply voltage (erase and
program lockout)
2.2
V
VPPLK
VPP supply voltage (erase and
program lockout)
11.4
V
1.
IDDP-UP is defined only during the power-up phase of the M58BW016FT/B, from the moment current is applied with RP Low
to the moment when the supply voltage has become stable and RP is brought to High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com