Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 16Page - STMicroelectronics M58BW016DB Datasheet HTML 17Page - STMicroelectronics M58BW016DB Datasheet HTML 18Page - STMicroelectronics M58BW016DB Datasheet HTML 19Page - STMicroelectronics M58BW016DB Datasheet HTML 20Page - STMicroelectronics M58BW016DB Datasheet HTML 21Page - STMicroelectronics M58BW016DB Datasheet HTML 22Page - STMicroelectronics M58BW016DB Datasheet HTML 23Page - STMicroelectronics M58BW016DB Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Bus operations
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
20/69
3.1.7
Standby mode
When Chip Enable is High, VIH, and the Program/Erase controller is idle, the memory enters
Standby mode, the power consumption is reduced to the standby level and the Data
inputs/outputs pins are placed in the high impedance state regardless of Output Enable,
Write Enable or Output Disable inputs.
3.1.8
Automatic Low Power mode
If there is no change in the state of the bus for a short period of time during Asynchronous
Bus Read operations the memory enters Auto Low Power mode where the internal Supply
current is reduced to the Auto-Standby Supply current. The Data inputs/outputs will still
output data if a Bus Read operation is in progress.
Automatic Low Power is only available in Asynchronous Read modes.
3.1.9
Power-down mode
The memory is in Power-down when Reset/Power-down, RP, is at VIL. The power
consumption is reduced to the power-down level and the outputs are high impedance,
independent of the Chip Enable, E, Output Enable, G, Output Disable, GD, or Write Enable,
W, inputs.
3.1.10
Electronic signature
Two codes identifying the manufacturer and the device can be read from the memory
allowing programming equipment or applications to automatically match their interface to
the characteristics of the memory. The electronic signature is output by giving the Read
Electronic Signature command. The manufacturer code is output when all the address
inputs are at VIL. The device code is output when A1 is at VIH and all the other address pins
are at VIL (see Table 5: Asynchronous Read Electronic Signature operation). Issue a Read
Memory Array command to return to Read mode.
Table 4.
Asynchronous Bus operations(1)
1.
X = Don’t care.
Bus Operation
Step
E
G
GD
W
RP
L
A0-A18
DQ0-DQ31
Asynchronous Bus Read
VIL VIL VIH VIH VIH
VIL
Address
Data output
Asynchronous Latch
Controlled Bus Read
Address Latch
VIL VIH VIH
VIL
VIH
VIL
Address
High-Z
Read
VIL VIL VIH VIH VIH VIH
X
Data output
Asynchronous Page
Read
VIL VIL VIH VIH VIH
X
Address
Data output
Asynchronous Bus Write
VIL VIH
XVIL
VIH
VIL
Address
Data input
Asynchronous Latch
Controlled Bus Write
Address Latch
VIL VIL VIH VIH VIH
VIL
Address
High-Z
Write
VIL VIH
XVIL
VIH VIH
X
Data input
Output Disable, G
VIL VIH VIH VIH VIH
X
X
High-Z
Output Disable, GD
VIL VIL
VIL
VIH VIH
X
X
High-Z
Standby
VIH
XX
X
VIH
X
X
High-Z
Reset/Power-down
X
X
X
X
VIL
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com