Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 42 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 38Page - STMicroelectronics M58BW016DB Datasheet HTML 39Page - STMicroelectronics M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics M58BW016DB Datasheet HTML 45Page - STMicroelectronics M58BW016DB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
DC and AC parameters
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
42/69
Figure 9.
Asynchronous Latch Controlled Bus Read AC waveforms
Table 17.
Asynchronous Latch Controlled Bus Read AC characteristics
Symbol
Parameter
Test condition
M58BW016
Unit
70
80
tAVLL
Address Valid to Latch Enable Low
E =VIL
Min
0
0
ns
tEHLX Chip Enable High to Latch Enable Transition
Min
0
0
ns
tEHQX Chip Enable High to Output Transition
G =VIL
Min
0
0
ns
tEHQZ Chip Enable High to Output Hi-Z
G =VIL
Max
20
20
ns
tELLL
Chip Enable Low to Latch Enable Low
Min
0
0
ns
tGHQX Output Enable High to Output Transition
E =VIL
Min
0
0
ns
tGHQZ Output Enable High to Output Hi-Z
E =VIL
Max
15
15
ns
tGLQV Output Enable Low to Output Valid
E =VIL
Max
25
25
ns
tGLQX Output Enable Low to Output Transition
E =VIL
Min
0
0
ns
tLHAX Latch Enable High to Address Transition
E =VIL
Min
5
5
ns
tLHLL
Latch Enable High to Latch Enable Low
Min
10
10
ns
tLLLH
Latch Enable Low to Latch Enable High
E =VIL
Min
10
10
ns
tLLQV
Latch Enable Low to Output Valid
E =VIL, G =VIL Max
70
80
ns
tLLQX
Latch Enable Low to Output Transition
E =VIL, G =VIL Min
0
0
ns
AI03645
L
E
G
A0-A18
DQ0-DQ31
VALID
tEHLX
tLHLL
tLHAX
tAVLL
tELLL
tLLLH
tEHQX
tEHQZ
tGHQX
GHQZ
tLLQX
tLLQV
tGLQX
tGLQV
See also Page Read
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com