Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 24 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 20Page - STMicroelectronics M58BW016DB Datasheet HTML 21Page - STMicroelectronics M58BW016DB Datasheet HTML 22Page - STMicroelectronics M58BW016DB Datasheet HTML 23Page - STMicroelectronics M58BW016DB Datasheet HTML 24Page - STMicroelectronics M58BW016DB Datasheet HTML 25Page - STMicroelectronics M58BW016DB Datasheet HTML 26Page - STMicroelectronics M58BW016DB Datasheet HTML 27Page - STMicroelectronics M58BW016DB Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
Bus operations
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
24/69
3.3.6
Valid Clock Edge bit (M6)
The Valid Clock Edge bit, M6, is used to configure the active edge of the Clock, K, during
Synchronous Burst Read operations. When the Valid Clock Edge bit is ’0’ the falling edge of
the Clock is the active edge; when the Valid Clock Edge bit is ’1’ the rising edge of the Clock
is active.
3.3.7
Wrap Burst bit (M3)
The burst reads can be confined inside the 4 or 8 double-word boundary (wrap) or
overcome the boundary (no wrap). The Wrap Burst bit is used to select between wrap and
no wrap. When the Wrap Burst bit is set to ‘0’ the burst read wraps; when it is set to ‘1’ the
burst read does not wrap.
3.3.8
Burst Length bit (M2-M0)
The Burst Length bits set the maximum number of double-words that can be output during a
Synchronous Burst Read operation before the address wraps. Burst lengths of 4 or 8 are
available for both the sequential and interleaved burst types, and a continuous burst is
available for the sequential type.
Table 7: Burst Configuration Register gives the valid combinations of the Burst Length bits
that the memory accepts; Table 8: Burst type definition, gives the sequence of addresses
output from a given starting address for each length.
If either a Continuous or a No Wrap Burst Read has been initiated the device will output data
synchronously. Depending on the starting address, the device activates the Valid Data
Ready output to indicate that a delay is necessary before the data is output. If the starting
address is aligned to an 8 double-word boundary, the Continuous Burst mode will run
without activating the Valid Data Ready output. If the starting address is not aligned to an 8
double-word boundary, Valid Data Ready is activated to indicate that the device needs an
internal delay to read the successive words in the array.
M10, M5 and M4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com