Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 34 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 30Page - STMicroelectronics M58BW016DB Datasheet HTML 31Page - STMicroelectronics M58BW016DB Datasheet HTML 32Page - STMicroelectronics M58BW016DB Datasheet HTML 33Page - STMicroelectronics M58BW016DB Datasheet HTML 34Page - STMicroelectronics M58BW016DB Datasheet HTML 35Page - STMicroelectronics M58BW016DB Datasheet HTML 36Page - STMicroelectronics M58BW016DB Datasheet HTML 37Page - STMicroelectronics M58BW016DB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
Status Register
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
34/69
5
Status Register
The Status Register provides information on the current or previous program or erase
operation. The various bits in the Status Register convey information and errors on the
operation. They are output on DQ7-DQ0.
To read the Status Register the Read Status Register command can be issued. The Status
Register is automatically read after Program, Erase or Program/Erase Resume commands.
The Status Register can be read from any address.
The contents of the Status Register can be updated during an erase or program operation
by toggling the Output Enable or Output Disable pins or by deactivating (Chip Enable, VIH)
and then reactivating (Chip Enable and Output Enable, VIL, and Output Disable, VIH.) the
device.
The Status Register bits are summarized in Table 11: Status Register bits. Refer to Table 11
in conjunction with the following text descriptions.
5.1
Program/Erase Controller Status (bit 7)
The Program/Erase Controller Status bit indicates whether the Program/Erase controller is
active or inactive. When the Program/Erase Controller Status bit is set to ‘0’, the
Program/Erase controller is active; when bit7 is set to ‘1’, the Program/Erase controller is
inactive.
The Program/Erase Controller Status is set to ‘0’ immediately after a Program/Erase
Suspend command is issued until the Program/Erase controller pauses. After the
Program/Erase controller pauses the bit is set to ‘1’.
During program and erase operations the Program/Erase Controller Status bit can be polled
to find the end of the operation. The other bits in the Status Register should not be tested
until the Program/Erase controller completes the operation and the bit is set to ‘1’.
After the Program/Erase controller completes its operation the Erase Status (bit5), Program
Status bits should be tested for errors.
5.2
Erase Suspend Status (bit 6)
The Erase Suspend Status bit indicates that an erase operation has been suspended and is
waiting to be resumed. The Erase Suspend Status should only be considered valid when the
Program/Erase Controller Status bit is set to ‘1’ (Program/Erase controller inactive); after a
Program/Erase Suspend command is issued the memory may still complete the operation
rather than entering the Suspend mode.
When the Erase Suspend Status bit is set to ‘0’, the Program/Erase controller is active or
has completed its operation; when the bit is set to ‘1’, a Program/Erase Suspend command
has been issued and the memory is waiting for a Program/Erase Resume command.
When a Program/Erase Resume command is issued the Erase Suspend Status bit returns
to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com