Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 68 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 61Page - STMicroelectronics M58BW016DB Datasheet HTML 62Page - STMicroelectronics M58BW016DB Datasheet HTML 63Page - STMicroelectronics M58BW016DB Datasheet HTML 64Page - STMicroelectronics M58BW016DB Datasheet HTML 65Page - STMicroelectronics M58BW016DB Datasheet HTML 66Page - STMicroelectronics M58BW016DB Datasheet HTML 67Page - STMicroelectronics M58BW016DB Datasheet HTML 68Page - STMicroelectronics M58BW016DB Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
Revision history
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
68/69
09-Nov-2006
12
LBGA80 package added (see Figure 20 and Table 23).
M58BW016FT and M58BW016FB behavior in Burst mode specified
under Section 3.2.1: Synchronous Burst Read.
IDDB, IDD1 and IDD4 current values specified for M58BW016FT and
M58BW016FB in Table 15: DC characteristics, IDD5 added.
tVDHPH specified for M58BW016FT and M58BW016FB in Table 21:
Reset, Power-down and Power-up AC characteristics.
tKHQX specified for M58BW016FT and M58BW016FB in Table 20:
Synchronous Burst Read AC characteristics.
23h-24h reserved in Table 27: CFI - device voltage and timing
specification. 3Fh reserved in Table 29: Extended query information.
24-Nov-2006
13
IDD current specified for M58BW016DT/B and M58BW016FT/B in
Table 15: DC characteristics.
05-Oct-2007
14
Table 7: Burst Configuration Register and Table 21: Reset, Power-down
and Power-up AC characteristics updated.
Modified values for tLLKH in Table 20: Synchronous Burst Read AC
characteristics.
Figure 17: Reset, Power-down and Power-up AC waveforms - control
pins low updated and Figure 18: Reset, Power-down and Power-up AC
waveforms - control pins toggling added.
Small text changes.
Table 30.
Document revision history (continued)
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com