Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 19Page - STMicroelectronics M58BW016DB Datasheet HTML 20Page - STMicroelectronics M58BW016DB Datasheet HTML 21Page - STMicroelectronics M58BW016DB Datasheet HTML 22Page - STMicroelectronics M58BW016DB Datasheet HTML 23Page - STMicroelectronics M58BW016DB Datasheet HTML 24Page - STMicroelectronics M58BW016DB Datasheet HTML 25Page - STMicroelectronics M58BW016DB Datasheet HTML 26Page - STMicroelectronics M58BW016DB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Bus operations
23/69
3.3
Burst Configuration Register
The Burst Configuration Register is used to configure the type of bus access that the
memory will perform.
The Burst Configuration Register is set through the command interface and will retain its
information until it is re-configured, the device is reset, or the device goes into Reset/Power-
down mode. The Burst Configuration Register bits are described in Table 7. They specify the
selection of the burst length, burst type, burst X and Y latencies and the read operation.
Refer to Figure 4 and Figure 5 for examples of synchronous burst configurations.
3.3.1
Read Select bit (M15)
The Read Select bit, M15, is used to switch between Asynchronous and Synchronous Bus
Read operations. When the Read Select bit is set to ’1’, Bus Read operations are
asynchronous; when the Read Select but is set to ’0’, Bus Read operations are
synchronous.
On reset or power-up the Read Select bit is set to’1’ for asynchronous accesses.
3.3.2
X-Latency bits (M14-M11)
The X-Latency bits are used during Synchronous Bus Read operations to set the number of
clock cycles between the address being latched and the first data becoming available. For
correct operation the X-Latency bits can only assume the values in Table 7: Burst
Configuration Register. The X-Latency bits should also be selected in conjunction with
Table 8: Burst type definition to ensure valid settings.
3.3.3
Y-Latency bit (M9)
The Y-Latency bit is used during Synchronous Bus Read operations to set the number of
clock cycles between consecutive reads. The Y-Latency value depends on both the X-
Latency value and the setting in M9.
When the Y-Latency is ‘1’ the data changes each clock cycle; when the Y-Latency is ‘2’ the
data changes every second clock cycle. See Table 7: Burst Configuration Register, and
Table 8: Burst type definition for valid combinations of the Y-Latency, the X-Latency and the
Clock frequency.
3.3.4
Valid Data Ready bit (M8)
The Valid Data Ready bit controls the timing of the Valid Data Ready output pin, R. When
the Valid Data Ready bit is ’0’ the Valid Data Ready output pin is driven Low for the active
clock edge when invalid data is output on the bus. When the Valid Data Ready bit is ’1’ the
Valid Data Ready output pin is driven Low one clock cycle prior to invalid data being output
on the bus.
3.3.5
Burst Type bit (M7)
The Burst Type bit is used to configure the sequence of addresses read as sequential or
interleaved. When the Burst Type bit is ’0’ the memory outputs from interleaved addresses;
when the Burst Type bit is ’1’ the memory outputs from sequential addresses. See Table 8:
Burst type definition, for the sequence of addresses output from a given starting address in
each mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com