Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 31Page - STMicroelectronics M58BW016DB Datasheet HTML 32Page - STMicroelectronics M58BW016DB Datasheet HTML 33Page - STMicroelectronics M58BW016DB Datasheet HTML 34Page - STMicroelectronics M58BW016DB Datasheet HTML 35Page - STMicroelectronics M58BW016DB Datasheet HTML 36Page - STMicroelectronics M58BW016DB Datasheet HTML 37Page - STMicroelectronics M58BW016DB Datasheet HTML 38Page - STMicroelectronics M58BW016DB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Status Register
35/69
5.3
Erase Status (bit 5)
The Erase Status bit can be used to identify if the memory has failed to verify that the block
has erased correctly. The Erase Status bit should be read once the Program/Erase
Controller Status bit is High (Program/Erase controller inactive).
When the Erase Status bit is set to ‘0’, the memory has successfully verified that the block
has erased correctly. When the Erase Status bit is set to ‘1’, the Program/Erase controller
has applied the maximum number of pulses to the block and still failed to verify that the
block has erased correctly.
Once set to ‘1’, the Erase Status bit can only be reset to ‘0’ by a Clear Status Register
command or a hardware reset. If set to ‘1’ it should be reset before a new Program or Erase
command is issued, otherwise the new command will appear to fail.
5.4
Program Status (bit 4)
The Program Status bit is used to identify a program failure. Bit4 should be read once the
Program/Erase Controller Status bit is High (Program/Erase controller inactive).
When bit4 is set to ‘0’ the memory has successfully verified that the device has programmed
correctly. When bit4 is set to ‘1’ the device has failed to verify that the data has been
programmed correctly.
Once set to 1’, the Program Status bit can only be reset to ‘0’ by a Clear Status Register
command or a hardware reset. If set to ‘1’ it should be reset before a new Program or Erase
command is issued, otherwise the new command will appear to fail.
5.5
VPP Status (bit 3)
The VPP Status bit can be used to identify an invalid voltage on the VPP pin during fast
program and erase operations. The VPP pin is only sampled at the beginning of a program
or erase operation. Indeterminate results can occur if VPP becomes invalid during a fast
program or erase operation.
When the VPP Status bit is set to ‘0’, the voltage on the VPP pin was sampled at a valid
voltage; when the VPP Status bit is set to ‘1’, the VPP pin has a voltage that is below the VPP
Lockout voltage, VPPLK.
Once set to ‘1’, the VPP Status bit can only be reset to ‘0’ by a Clear Status Register
command or a hardware reset. If set to ‘1’ it should be reset before a new Program or Erase
command is issued, otherwise the new command will appear to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com