Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 17Page - STMicroelectronics M58BW016DB Datasheet HTML 18Page - STMicroelectronics M58BW016DB Datasheet HTML 19Page - STMicroelectronics M58BW016DB Datasheet HTML 20Page - STMicroelectronics M58BW016DB Datasheet HTML 21Page - STMicroelectronics M58BW016DB Datasheet HTML 22Page - STMicroelectronics M58BW016DB Datasheet HTML 23Page - STMicroelectronics M58BW016DB Datasheet HTML 24Page - STMicroelectronics M58BW016DB Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Bus operations
21/69
3.2
Synchronous Bus operations
For Synchronous Bus Operations refer to Table 6 together with the following text.
3.2.1
Synchronous Burst Read
Synchronous Burst Read operations are used to read from the memory at specific times
synchronized to an external reference clock.
In the M58BW016FT and M58BW016FB only, once the memory is configured in Burst
mode, it is mandatory to have an active clock signal since the switching of the output buffer
data bus is synchronized to the active edge of the clock. In the absence of clock, no data is
output.
Caution:
The M58BW016DT and M58BW016DB are not concerned by the paragraph above.
The burst type, length and latency can be configured. The different configurations for
Synchronous Burst Read operations are described in Section 3.3: Burst Configuration
Register. Refer to Figure 4 and Figure 5 for examples of synchronous burst operations.
In Continuous Burst Read, one Burst Read operation can access the entire memory
sequentially by keeping the Burst Address Advance B at VIL for the appropriate number of
clock cycles. At the end of the memory address space the Burst Read restarts from the
beginning at address 000000h.
A valid Synchronous Burst Read operation begins when the Burst Clock is active and Chip
Enable and Latch Enable are Low, VIL. The Burst Start Address is latched and loaded into
the internal Burst Address Counter on the valid Burst Clock K edge (rising or falling
depending on the value of M6) or on the rising edge of Latch Enable, whichever occurs first.
After an initial memory latency time, the memory outputs data each clock cycle (or two clock
cycles depending on the value of M9). The Burst Address Advance B input controls the
memory burst output. The second burst output is on the next clock valid edge after the Burst
Address Advance B has been pulled Low.
Valid Data Ready, R, monitors if the memory burst boundary is exceeded and the Burst
controller of the microprocessor needs to insert wait states. When Valid Data Ready is Low
on the active clock edge, no new data is available and the memory does not increment the
internal address counter at the active clock edge even if Burst Address Advance, B, is Low.
Table 5.
Asynchronous Read Electronic Signature operation
Code
Device
E
G
GD
W
A18-A0
DQ31-DQ0
Manufacturer
All
VIL
VIL
VIH
VIH
00000h
00000020h
Device
M58BW016DT
M58BW016FT
VIL
VIL
VIH
VIH
00001h
00008836h
M58BW016DB
M58BW016FB
VIL
VIL
VIH
VIH
00001h
00008835h
Burst Configuration
Register
VIL
VIL
VIH
VIH
00005h
BCR(1)
1.
BCR = Burst Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com