Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 48 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 44Page - STMicroelectronics M58BW016DB Datasheet HTML 45Page - STMicroelectronics M58BW016DB Datasheet HTML 46Page - STMicroelectronics M58BW016DB Datasheet HTML 47Page - STMicroelectronics M58BW016DB Datasheet HTML 48Page - STMicroelectronics M58BW016DB Datasheet HTML 49Page - STMicroelectronics M58BW016DB Datasheet HTML 50Page - STMicroelectronics M58BW016DB Datasheet HTML 51Page - STMicroelectronics M58BW016DB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
DC and AC parameters
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
48/69
Figure 14.
Synchronous Burst Read (data valid from ‘n’ clock rising edge)
1.
For set up signals and timings see Synchronous Burst Read.
Table 20.
Synchronous Burst Read AC characteristics(1)
1.
For other timings see Table 16: Asynchronous Bus Read AC characteristics.
Symbol
Parameter
Test condition
M58BW016
Unit
70
80
tAVLL
Address Valid to Latch Enable Low
E =VIL
Min
0
0
ns
tBHKH
Burst Address Advance High to Valid
Clock Edge
E =VIL, G =VIL, L =VIH
Min
8
8
ns
tBLKH
Burst Address Advance Low to Valid
Clock Edge
E =VIL, G =VIL, L =VIH
Min
8
8
ns
tELLL
Chip Enable Low to Latch Enable low
Min
0
0
ns
tGLQV Output Enable Low to Output Valid
E =VIL, L =VIH
Min
25
25
ns
tKHAX
Valid Clock Edge to Address
Transition
E =VIL
Min
5
5
ns
tKHLL
Valid Clock Edge to Latch Enable Low
E =VIL
Min
0
0
ns
tKHLX
Valid Clock Edge to Latch Enable
Transition
E =VIL
Min
0
0
ns
tKHQX Valid Clock Edge to Output Transition
E =VIL,
G =VIL,
L =VIH
M58BW016DT/B Min
3
3
ns
M58BW016FT/B Min
2
2
ns
tLLKH
Latch Enable Low to Valid Clock Edge E =VIL
M58BW016DT/B Min
6
6
ns
M58BW016FT/B Min
5
5
ns
tQVKH
(2)
2.
Data output should be read on the valid clock edge.
Output Valid to Valid Clock Edge
E =VIL, G =VIL, L =VIH
Min
6
6
ns
tRLKH
Valid Data Ready Low to Valid Clock
Edge
E =VIL, G =VIL, L =VIH
Min
6
6
ns
tKHQV Valid Clock Edge to Output Valid
E =VIL, G =VIL, L =VIH Max
11
11
ns
AI04408b
K
n+5
n+4
n+3
n+2
n+1
n
DQ0-DQ31
tQVKH
tKHQX
Q0
Q1
Q2
Q3
Q4
Q5
SETUP
Burst Read
Q0 to Q3
tKHQV
Note: n depends on Burst X-Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com