Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 118 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 118 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 114Page - STMicroelectronics LSM6DSV320X Datasheet HTML 115Page - STMicroelectronics LSM6DSV320X Datasheet HTML 116Page - STMicroelectronics LSM6DSV320X Datasheet HTML 117Page - STMicroelectronics LSM6DSV320X Datasheet HTML 118Page - STMicroelectronics LSM6DSV320X Datasheet HTML 119Page - STMicroelectronics LSM6DSV320X Datasheet HTML 120Page - STMicroelectronics LSM6DSV320X Datasheet HTML 121Page - STMicroelectronics LSM6DSV320X Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 212 page
background image
10
IF2 register mapping
The table given below provides a list of the 8/16-bit registers embedded in the device and the corresponding
addresses.
All these registers are accessible from the auxiliary interface only.
Table 239. IF2 register address map
Name
Type
Register address
Default
Comment
Hex
Binary
IF2_WHO_AM_I
R
0F
00001111
01110011
IF2_STATUS_REG_OIS
R
1E
00011110
output
IF2_OUT_TEMP_L
R
20
00100000
output
IF2_OUT_TEMP_H
R
21
00100001
output
IF2_OUTX_L_G_OIS
R
22
00100010
output
IF2_OUTX_H_G_OIS
R
23
00100011
output
IF2_OUTY_L_G_OIS
R
24
00100100
output
IF2_OUTY_H_G_OIS
R
25
00100101
output
IF2_OUTZ_L_G_OIS
R
26
00100110
output
IF2_OUTZ_H_G_OIS
R
27
00100111
output
IF2_OUTX_L_A_OIS
R
28
00101000
output
IF2_OUTX_H_A_OIS
R
29
00101001
output
IF2_OUTY_L_A_OIS
R
2A
00101010
output
IF2_OUTY_H_A_OIS
R
2B
00101011
output
IF2_OUTZ_L_A_OIS
R
2C
00101100
output
IF2_OUTZ_H_A_OIS
R
2D
00101101
output
IF2_HANDSHAKE_CTRL
R/W
6E
01101110
00000000
IF2_INT_OIS
R/W (auxiliary IF full-control mode)
R (primary IF full-control mode)
6F
01101111
00000000
IF2_CTRL1_OIS
R/W (auxiliary IF full-control mode)
R (primary IF full-control mode)
70
01110000
00000000
IF2_CTRL2_OIS
R/W (auxiliary IF full-control mode)
R (primary IF full-control mode)
71
01110001
00000000
IF2_CTRL3_OIS
R/W (auxiliary IF full-control mode)
R (primary IF full-control mode)
72
01110010
00000000
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSV320X
IF2 register mapping
DS14623 - Rev 1
page 118/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com