Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 114 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 114 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 110Page - STMicroelectronics LSM6DSV320X Datasheet HTML 111Page - STMicroelectronics LSM6DSV320X Datasheet HTML 112Page - STMicroelectronics LSM6DSV320X Datasheet HTML 113Page - STMicroelectronics LSM6DSV320X Datasheet HTML 114Page - STMicroelectronics LSM6DSV320X Datasheet HTML 115Page - STMicroelectronics LSM6DSV320X Datasheet HTML 116Page - STMicroelectronics LSM6DSV320X Datasheet HTML 117Page - STMicroelectronics LSM6DSV320X Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 212 page
background image
9.86
UI_CTRL3_OIS (72h)
OIS configuration register
The primary interface can write this register when the OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS
(01h) register is equal to 1 (primary IF full-control mode); this register is read-only when the
OIS_CTRL_FROM_UI bit is equal to 0 (auxiliary interface full-control mode) and shows the content of the
IF2_CTRL3_OIS (72h) register.
Table 221. UI_CTRL3_OIS register
0(1)
0(1)
LPF_XL_
OIS_BW_2
LPF_XL_
OIS_BW_1
LPF_XL_
OIS_BW_0
0(1)
FS_XL
_OIS_1
FS_XL
_OIS_0
1. This bit must be set to 0 for the correct operation of the device.
Table 222. UI_CTRL3_OIS register description
LPF_XL_OIS_BW_[2:0]
Selects accelerometer OIS channel bandwidth, see Table 223. Default value: 0
FS_XL_OIS_[1:0]
Selects accelerometer OIS channel full-scale:
(00: ±2 g (default);
01: ±4 g;
10: ±8 g;
11: ±16 g)
Note:
When the accelerometer full-scale value is selected only from the UI side it is readable also from the OIS side.
Table 223. Accelerometer OIS channel bandwidth and phase
LPF_XL_OIS_BW_[2:0]
Typ. overall bandwidth [Hz]
Typ. overall phase [°]
000
749 Hz
-3.41 deg @ 20 Hz
001
539 Hz
-4.04 deg @ 20 Hz
010
342 Hz
-5.31 deg @ 20 Hz
011
162 Hz
-9.08 deg @ 20 Hz
100
78.5 Hz
-16.4 deg @ 20 Hz
101
38.6 Hz
-29.6 deg @ 20 Hz
110
19.3 Hz
-28.8 deg @ 10 Hz
111
9.8 Hz
-29.1 deg @ 5 Hz
LSM6DSV320X
Register description
DS14623 - Rev 1
page 114/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com