Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 111 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 111 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 107Page - STMicroelectronics LSM6DSV320X Datasheet HTML 108Page - STMicroelectronics LSM6DSV320X Datasheet HTML 109Page - STMicroelectronics LSM6DSV320X Datasheet HTML 110Page - STMicroelectronics LSM6DSV320X Datasheet HTML 111Page - STMicroelectronics LSM6DSV320X Datasheet HTML 112Page - STMicroelectronics LSM6DSV320X Datasheet HTML 113Page - STMicroelectronics LSM6DSV320X Datasheet HTML 114Page - STMicroelectronics LSM6DSV320X Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 212 page
background image
9.83
UI_INT_OIS (6Fh)
OIS interrupt configuration register
The primary interface can write to this register when the OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS
(01h) register is equal to 1 (primary IF full-control mode); this register is read-only when the
OIS_CTRL_FROM_UI bit is equal to 0 (auxiliary interface full-control mode) and shows the content of the
IF2_INT_OIS (6Fh) register.
Table 214. UI_INT_OIS register
INT2_
DRDY_OIS
DRDY_
MASK_OIS
0(1)
ST_OIS_
CLAMPDIS
0(1)
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 215. UI_INT_OIS register description
INT2_DRDY_OIS
Enables OIS chain DRDY on INT2 pin from the UI interface. This setting has priority over all other INT2
settings.
DRDY_MASK_OIS
Enables / masks OIS data available. Default value: 0
(0: disabled;
1: masks OIS DRDY signals (both accelerometer and gyroscope) until filter settling ends
(accelerometer and gyroscope independently masked))
ST_OIS_CLAMPDIS
Disables OIS chain clamp during self-test. Default value: 0
(0: All OIS chain outputs = 8000h during self-test;
1: OIS chain self-test outputs)
LSM6DSV320X
Register description
DS14623 - Rev 1
page 111/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com