Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 110 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 110 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 106Page - STMicroelectronics LSM6DSV320X Datasheet HTML 107Page - STMicroelectronics LSM6DSV320X Datasheet HTML 108Page - STMicroelectronics LSM6DSV320X Datasheet HTML 109Page - STMicroelectronics LSM6DSV320X Datasheet HTML 110Page - STMicroelectronics LSM6DSV320X Datasheet HTML 111Page - STMicroelectronics LSM6DSV320X Datasheet HTML 112Page - STMicroelectronics LSM6DSV320X Datasheet HTML 113Page - STMicroelectronics LSM6DSV320X Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 212 page
background image
9.80
XL_HG_X_OFS_USR (6Ch)
High-g accelerometer X-axis user offset correction (R/W). The offset value set in the XL_HG_X_OFS_USR offset
register is internally added to the acceleration value measured on the X-axis.
Table 208. XL_HG_X_OFS_USR register
XL_HG_X_
OFS_USR_7
XL_HG_X_
OFS_USR_6
XL_HG_X_
OFS_USR_5
XL_HG_X_
OFS_USR_4
XL_HG_X_
OFS_USR_3
XL_HG_X_
OFS_USR_2
XL_HG_X_
OFS_USR_1
XL_HG_X_
OFS_USR_0
Table 209. XL_HG_X_OFS_USR register description
XL_HG_X_OFS_USR_[7:0]
High-g accelerometer X-axis user offset expressed in two's complement, weight is 0.25 g/LSb for
FS up to ±256 g and 0.33 g/LSb if ±320 g FS is selected. The value must be in the range [-127,
127].
9.81
XL_HG_Y_OFS_USR (6Dh)
High-g accelerometer Y-axis user offset correction (R/W). The offset value set in the XL_HG_Y_OFS_USR offset
register is internally added to the acceleration value measured on the Y-axis.
Table 210. XL_HG_Y_OFS_USR register
XL_HG_Y_
OFS_USR_7
XL_HG_Y_
OFS_USR_6
XL_HG_Y_
OFS_USR_5
XL_HG_Y_
OFS_USR_4
XL_HG_Y_
OFS_USR_3
XL_HG_Y_
OFS_USR_2
XL_HG_Y_
OFS_USR_1
XL_HG_Y_
OFS_USR_0
Table 211. XL_HG_Y_OFS_USR register description
XL_HG_OFS_Y_OFS_USR_[7:0]
High-g accelerometer Y-axis user offset expressed in two's complement, weight is 0.25
g/LSb for FS up to ±256 g and 0.33 g/LSb if ±320 g FS is selected. The value must be in
the range [-127, 127].
9.82
XL_HG_Z_OFS_USR (6Eh)
High-g accelerometer Z-axis user offset correction (R/W). The offset value set in the XL_HG_Z_OFS_USR offset
register is internally added to the acceleration value measured on the Z-axis.
Table 212. XL_HG_Z_OFS_USR register
XL_HG_Z_
OFS_USR_7
XL_HG_Z_
OFS_USR_6
XL_HG_Z_
OFS_USR_5
XL_HG_Z_
OFS_USR_4
XL_HG_Z_
OFS_USR_3
XL_HG_Z_
OFS_USR_2
XL_HG_Z_
OFS_USR_1
XL_HG_Z_
OFS_USR_0
Table 213. XL_HG_Z_OFS_USR register description
XL_HG_Z_OFS_USR_[7:0]
High-g accelerometer Z-axis user offset expressed in two's complement, weight is 0.25 g/LSb for
FS up to ±256 g and 0.33 g/LSb if ±320 g FS is selected. The value must be in the range [-127,
127].
LSM6DSV320X
Register description
DS14623 - Rev 1
page 110/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com