Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 124 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 124 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 120Page - STMicroelectronics LSM6DSV320X Datasheet HTML 121Page - STMicroelectronics LSM6DSV320X Datasheet HTML 122Page - STMicroelectronics LSM6DSV320X Datasheet HTML 123Page - STMicroelectronics LSM6DSV320X Datasheet HTML 124Page - STMicroelectronics LSM6DSV320X Datasheet HTML 125Page - STMicroelectronics LSM6DSV320X Datasheet HTML 126Page - STMicroelectronics LSM6DSV320X Datasheet HTML 127Page - STMicroelectronics LSM6DSV320X Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 212 page
background image
11.12
IF2_CTRL1_OIS (70h)
OIS configuration register
The auxiliary interface can write this register when the OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS
(01h) register is equal to 0 (auxiliary IF full-control mode); this register is read-only when the
OIS_CTRL_FROM_UI bit is equal to 1 (primary IF full-control mode) and shows the content of the
UI_CTRL1_OIS (70h) register.
Table 268. IF2_CTRL1_OIS register
0(1)
0(1)
SIM_OIS
0(1)
0(1)
OIS_
XL_EN
OIS_
G_EN
IF2_SPI_
READ_EN
1. This bit must be set to 0 for the correct operation of the device.
Table 269. IF2_CTRL1_OIS register description
SIM_OIS
Auxiliary SPI 3- or 4-wire interface. Default value: 0
(0: 4-wire auxiliary SPI;
1: 3-wire auxiliary SPI)
OIS_XL_EN
Enables accelerometer OIS chain. Default value: 0
(0: accelerometer OIS chain disabled;
1: accelerometer OIS chain enabled)
OIS_G_EN
Enables gyroscope OIS chain. Default value: 0
(0: gyroscope OIS chain disabled;
1: gyroscope OIS chain enabled)
IF2_SPI_READ_EN
Selection between auxiliary SPI or auxiliary I3C. Default value: 0
(0: OIS data read from auxiliary SPI disabled and I3C auxiliary enabled;
1: OIS data read from auxiliary SPI enabled and I3C auxiliary disabled)
LSM6DSV320X
IF2 register description
DS14623 - Rev 1
page 124/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com