Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 125 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 125 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 121Page - STMicroelectronics LSM6DSV320X Datasheet HTML 122Page - STMicroelectronics LSM6DSV320X Datasheet HTML 123Page - STMicroelectronics LSM6DSV320X Datasheet HTML 124Page - STMicroelectronics LSM6DSV320X Datasheet HTML 125Page - STMicroelectronics LSM6DSV320X Datasheet HTML 126Page - STMicroelectronics LSM6DSV320X Datasheet HTML 127Page - STMicroelectronics LSM6DSV320X Datasheet HTML 128Page - STMicroelectronics LSM6DSV320X Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 212 page
background image
11.13
IF2_CTRL2_OIS (71h)
OIS configuration register
The auxiliary interface can write this register when the OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS
(01h) register is equal to 0 (auxiliary IF full-control mode); this register is read-only when the
OIS_CTRL_FROM_UI bit is equal to 1 (primary IF full-control mode) and shows the content of the
UI_CTRL2_OIS (71h) register.
Table 270. IF2_CTRL2_OIS register
0(1)
0(1)
0(1)
LPF1_G_
OIS_BW_1
LPF1_G_
OIS_BW_0
FS_G
_OIS_2
FS_G
_OIS_1
FS_G
_OIS_0
1. This bit must be set to 0 for the correct operation of the device.
Table 271. IF2_CTRL2_OIS register description
LPF1_G_OIS_BW_[1:0]
Gyroscope OIS digital LPF1 filter bandwidth selection. Refer to Table 272.
FS_G_OIS_[2:0]
Gyroscope OIS full-scale selection:
(000: reserved;
001: ±250 dps;
010: ±500 dps;
011: ±1000 dps;
100: ±2000 dps;
101: reserved;
110: reserved;
111: reserved)
Table 272. Gyroscope OIS chain digital LPF1 filter bandwidth selection
LPF1_G_OIS_BW_[1:0]
Cutoff [Hz]
Phase @ 20 Hz [°]
00
293 Hz
-7.1°
01
217 Hz
-9.1°
10
158 Hz
-11.9°
11
476 Hz
-5.1°
LSM6DSV320X
IF2 register description
DS14623 - Rev 1
page 125/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com