Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 136 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 136 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 132Page - STMicroelectronics LSM6DSV320X Datasheet HTML 133Page - STMicroelectronics LSM6DSV320X Datasheet HTML 134Page - STMicroelectronics LSM6DSV320X Datasheet HTML 135Page - STMicroelectronics LSM6DSV320X Datasheet HTML 136Page - STMicroelectronics LSM6DSV320X Datasheet HTML 137Page - STMicroelectronics LSM6DSV320X Datasheet HTML 138Page - STMicroelectronics LSM6DSV320X Datasheet HTML 139Page - STMicroelectronics LSM6DSV320X Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 212 page
background image
13.12
MLC_INT2 (11h)
INT2 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT2. The pin's output supplies the OR combination of
the selected signals.
Table 299. MLC_INT2 register
INT2_MLC8
INT2_MLC7
INT2_MLC6
INT2_MLC5
INT2_MLC4
INT2_MLC3
INT2_MLC2
INT2_MLC1
Table 300. MLC_INT2 register description
INT2_MLC8
Routing MLC8 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_MLC7
Routing MLC7 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_MLC6
Routing MLC6 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_MLC5
Routing MLC5 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_MLC4
Routing MLC4 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_MLC3
Routing MLC3 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_MLC2
Routing MLC2 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_MLC1
Routing MLC1 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
13.13
EMB_FUNC_STATUS (12h)
Embedded function status register (R)
Table 301. EMB_FUNC_STATUS register
IS_FSM_LC
0
IS_SIGMOT
IS_TILT
IS_STEP_DET
0
0
0
Table 302. EMB_FUNC_STATUS register description
IS_FSM_LC
Interrupt status bit for FSM long counter timeout interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_SIGMOT
Interrupt status bit for significant motion detection
(1: interrupt detected; 0: no interrupt)
IS_TILT
Interrupt status bit for tilt detection
(1: interrupt detected; 0: no interrupt)
IS_STEP_DET
Interrupt status bit for step detection
(1: interrupt detected; 0: no interrupt)
LSM6DSV320X
Embedded functions register description
DS14623 - Rev 1
page 136/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com