Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 139 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 139 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 135Page - STMicroelectronics LSM6DSV320X Datasheet HTML 136Page - STMicroelectronics LSM6DSV320X Datasheet HTML 137Page - STMicroelectronics LSM6DSV320X Datasheet HTML 138Page - STMicroelectronics LSM6DSV320X Datasheet HTML 139Page - STMicroelectronics LSM6DSV320X Datasheet HTML 140Page - STMicroelectronics LSM6DSV320X Datasheet HTML 141Page - STMicroelectronics LSM6DSV320X Datasheet HTML 142Page - STMicroelectronics LSM6DSV320X Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 212 page
background image
13.17
SFLP_GBIASX_L (18h) and SFLP_GBIASX_H (19h)
SFLP gyroscope bias X-axis output register (R). The value is expressed as a 16-bit word in two’s complement
with 4.375 mdps/LSB sensitivity.
Table 309. SFLP_GBIASX_H and SFLP_GBIASX_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 310. SFLP_GBIASX_H and SFLP_GBIASX_L register description
D[15:0]
SFLP gyroscope bias X-axis output value
13.18
SFLP_GBIASY_L (1Ah) and SFLP_GBIASY_H (1Bh)
SFLP gyroscope bias Y-axis output register (R). The value is expressed as a 16-bit word in two’s complement
with 4.375 mdps/LSB sensitivity.
Table 311. SFLP_GBIASY_H and SFLP_GBIASY_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 312. SFLP_GBIASY_H and SFLP_GBIASY_L register description
D[15:0]
SFLP gyroscope bias Y-axis output value
13.19
SFLP_GBIASZ_L (1Ch) and SFLP_GBIASZ_H (1Dh)
SFLP gyroscope bias Z-axis output register (R). The value is expressed as a 16-bit word in two’s complement
with 4.375 mdps/LSB sensitivity.
Table 313. SFLP_GBIASZ_H and SFLP_GBIASZ_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 314. SFLP_GBIASZ_H and SFLP_GBIASZ_L register description
D[15:0]
SFLP gyroscope bias Z-axis output value
LSM6DSV320X
Embedded functions register description
DS14623 - Rev 1
page 139/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com