Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 143 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 143 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 139Page - STMicroelectronics LSM6DSV320X Datasheet HTML 140Page - STMicroelectronics LSM6DSV320X Datasheet HTML 141Page - STMicroelectronics LSM6DSV320X Datasheet HTML 142Page - STMicroelectronics LSM6DSV320X Datasheet HTML 143Page - STMicroelectronics LSM6DSV320X Datasheet HTML 144Page - STMicroelectronics LSM6DSV320X Datasheet HTML 145Page - STMicroelectronics LSM6DSV320X Datasheet HTML 146Page - STMicroelectronics LSM6DSV320X Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 212 page
background image
13.29
SFLP_GBIASZ_INIT_L (36h) and SFLP_GBIASZ_INIT_H (37h)
SFLP gyroscope bias Z-axis initialization register (R/W). The value is expressed as half-precision floating-point
format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 333. SFLP_GBIASZ_INIT_H and SFLP_GBIASZ_INIT_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 334. SFLP_GBIASZ_INIT_H and SFLP_GBIASZ_INIT_L register description
D[15:0]
SFLP gyroscope bias Z-axis initial value
13.30
EMB_FUNC_FIFO_EN_A (44h)
Embedded functions FIFO configuration register A (R/W)
Table 335. EMB_FUNC_FIFO_EN_A register
MLC_
FIFO_EN
STEP_COUNTER
_FIFO_EN
SFLP_GBIAS
_FIFO_EN
SFLP_GRAVITY
_FIFO_EN
0(1)
0(1)
SFLP_GAME
_FIFO_EN
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 336. EMB_FUNC_FIFO_EN_A register description
MLC_FIFO_EN
Enables batching the machine learning core results in the FIFO buffer. Default value: 0
(0: disabled; 1: enabled)
STEP_COUNTER_FIFO_EN
Enables batching the step counter values in the FIFO buffer. Default value: 0
(0: disabled; 1: enabled)
SFLP_GBIAS_FIFO_EN
Enables batching the gyroscope bias values computed by the SFLP algorithm in the FIFO
buffer. Default value: 0
(0: disabled; 1: enabled)
SFLP_GRAVITY_FIFO_EN
Enables batching the gravity values computed by the SFLP algorithm in the FIFO buffer.
Default value: 0
(0: disabled; 1: enabled)
SFLP_GAME_FIFO_EN
Enables batching the game rotation vector (quaternion) values computed by the SFLP
algorithm in the FIFO buffer. Default value: 0
(0: disabled; 1: enabled)
LSM6DSV320X
Embedded functions register description
DS14623 - Rev 1
page 143/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com