Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 144 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 144 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 140Page - STMicroelectronics LSM6DSV320X Datasheet HTML 141Page - STMicroelectronics LSM6DSV320X Datasheet HTML 142Page - STMicroelectronics LSM6DSV320X Datasheet HTML 143Page - STMicroelectronics LSM6DSV320X Datasheet HTML 144Page - STMicroelectronics LSM6DSV320X Datasheet HTML 145Page - STMicroelectronics LSM6DSV320X Datasheet HTML 146Page - STMicroelectronics LSM6DSV320X Datasheet HTML 147Page - STMicroelectronics LSM6DSV320X Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 212 page
background image
13.31
EMB_FUNC_FIFO_EN_B (45h)
Embedded functions FIFO configuration register B (R/W)
Table 337. EMB_FUNC_FIFO_EN_B register
0(1)
0(1)
0(1)
0(1)
0(1)
FSM_FIFO_EN
MLC_FILTER_
FEATURE_FIFO_
EN
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 338. EMB_FUNC_FIFO_EN_B register description
FSM_FIFO_EN
Enables batching the status of the FSMs when they are generating an interrupt event,
the long counter overrun event, or the long counter value when a specific command is
executed from one FSM. Default value: 0
(0: disabled; 1: enabled)
MLC_FILTER_FEATURE_FIFO_EN
Enables batching the machine learning core filters and features in the FIFO buffer.
Default value: 0
(0: disabled; 1: enabled)
13.32
FSM_ENABLE (46h)
Enable FSM register (R/W)
Table 339. FSM_ENABLE register
FSM8_EN
FSM7_EN
FSM6_EN
FSM5_EN
FSM4_EN
FSM3_EN
FSM2_EN
FSM1_EN
Table 340. FSM_ENABLE register description
FSM8_EN
Enables FSM8. Default value: 0 (0: FSM8 disabled; 1: FSM8 enabled)
FSM7_EN
Enables FSM7. Default value: 0 (0: FSM7 disabled; 1: FSM7 enabled)
FSM6_EN
Enables FSM6. Default value: 0 (0: FSM6 disabled; 1: FSM6 enabled)
FSM5_EN
Enables FSM5. Default value: 0 (0: FSM5 disabled; 1: FSM5 enabled)
FSM4_EN
Enables FSM4. Default value: 0 (0: FSM4 disabled; 1: FSM4 enabled)
FSM3_EN
Enables FSM3. Default value: 0 (0: FSM3 disabled; 1: FSM3 enabled)
FSM2_EN
Enables FSM2. Default value: 0 (0: FSM2 disabled; 1: FSM2 enabled)
FSM1_EN
Enables FSM1. Default value: 0 (0: FSM1 disabled; 1: FSM1 enabled)
LSM6DSV320X
Embedded functions register description
DS14623 - Rev 1
page 144/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com