Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 153 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 153 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 149Page - STMicroelectronics LSM6DSV320X Datasheet HTML 150Page - STMicroelectronics LSM6DSV320X Datasheet HTML 151Page - STMicroelectronics LSM6DSV320X Datasheet HTML 152Page - STMicroelectronics LSM6DSV320X Datasheet HTML 153Page - STMicroelectronics LSM6DSV320X Datasheet HTML 154Page - STMicroelectronics LSM6DSV320X Datasheet HTML 155Page - STMicroelectronics LSM6DSV320X Datasheet HTML 156Page - STMicroelectronics LSM6DSV320X Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 212 page
background image
13.47
EMB_FUNC_SRC (64h)
Embedded function source register (R/W)
Table 373. EMB_FUNC_SRC register
PEDO_
RST_STEP
0(1)
STEP_
DETECTED
STEP_COUNT
_DELTA_IA
STEP_
OVERFLOW
STEPCOUNTER
_BIT_SET
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 374. EMB_FUNC_SRC register description
PEDO_RST_STEP
Reset pedometer step counter. Read/write bit.
(0: disabled; 1: enabled)
STEP_DETECTED
Step detector event detection status. Read-only bit.
(0: step detection event not detected; 1: step detection event detected)
STEP_COUNT_DELTA_IA
Pedometer step recognition on delta time status. Read-only bit.
(0: no step recognized during delta time;
1: at least one step recognized during delta time)
STEP_OVERFLOW
Step counter overflow status. Read-only bit.
(0: step counter value < 216; 1: step counter value reached 216)
STEPCOUNTER_BIT_SET
This bit is equal to 1 when the step count is increased. If a timer period is programmed in
PEDO_SC_DELTAT_L (D0h) and PEDO_SC_DELTAT_H (D1h) embedded advanced features
(page 1) registers, this bit is kept at 0.
Read-only bit.
LSM6DSV320X
Embedded functions register description
DS14623 - Rev 1
page 153/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com