Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 154 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 154 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 150Page - STMicroelectronics LSM6DSV320X Datasheet HTML 151Page - STMicroelectronics LSM6DSV320X Datasheet HTML 152Page - STMicroelectronics LSM6DSV320X Datasheet HTML 153Page - STMicroelectronics LSM6DSV320X Datasheet HTML 154Page - STMicroelectronics LSM6DSV320X Datasheet HTML 155Page - STMicroelectronics LSM6DSV320X Datasheet HTML 156Page - STMicroelectronics LSM6DSV320X Datasheet HTML 157Page - STMicroelectronics LSM6DSV320X Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 212 page
background image
13.48
EMB_FUNC_INIT_A (66h)
Embedded functions initialization register (R/W)
Table 375. EMB_FUNC_INIT_A register
MLC_BEFORE
_FSM_INIT
0(1)
SIG_MOT
_INIT
TILT_INIT
STEP_DET
_INIT
0(1)
SFLP_GAME
_INIT
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 376. EMB_FUNC_INIT_A register description
MLC_BEFORE_FSM_INIT
Machine learning core initialization request (MLC executed before FSM). Default value: 0
SIG_MOT_INIT
Significant motion detection algorithm initialization request. Default value: 0
TILT_INIT
Tilt algorithm initialization request. Default value: 0
STEP_DET_INIT
Pedometer step counter/detector algorithm initialization request. Default value: 0
SFLP_GAME_INIT
SFLP game algorithm initialization request. Default value: 0
13.49
EMB_FUNC_INIT_B (67h)
Embedded functions initialization register (R/W)
Table 377. EMB_FUNC_INIT_B register
0(1)
0(1)
0(1)
MLC_INIT
FIFO_
COMPR_INIT
PT_INIT
0(1)
FSM_INIT
1. This bit must be set to 0 for the correct operation of the device.
Table 378. EMB_FUNC_INIT_B register description
MLC_INIT
Machine learning core initialization request (MLC executed after FSM). Default value: 0
FIFO_COMPR_INIT
FIFO compression feature initialization request. Default value: 0
PT_INIT
High-g peak tracking initialization request. Default value: 0
FSM_INIT
FSM initialization request. Default value: 0
13.50
EMB_FUNC_SENSOR_CONV_EN (6Eh)
Embedded functions sensor conversion enable/disable register (R/W)
Table 379. EMB_FUNC_SENSOR_CONV_EN register
0(1)
0(1)
0(1)
0(1)
EXT_SENSOR_
CONV_EN
TEMP_
CONV_EN
GYRO_
CONV_EN
XL_HG_
CONV_EN
1. This bit must be set to 0 for the correct operation of the device.
Table 380. EMB_FUNC_SENSOR_CONV_EN register description
EXT_SENSOR_CONV_EN
Enables/disables the external sensor data conversion for the embedded functions. Default value: 1
(0: data conversion disabled; 1: data conversion enabled)
TEMP_CONV_EN
Enables/disables the temperature data conversion for the embedded functions. Default value: 1
(0: data conversion disabled; 1: data conversion enabled)
GYRO_CONV_EN
Enables/disables the gyroscope data conversion for the embedded functions. Default value: 1
(0: data conversion disabled; 1: data conversion enabled)
XL_HG_CONV_EN
Enables/disables the high-g accelerometer data conversion for the embedded functions. Default value: 1
(0: data conversion disabled; 1: data conversion enabled)
LSM6DSV320X
Embedded functions register description
DS14623 - Rev 1
page 154/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com