Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 194 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 194 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 190Page - STMicroelectronics LSM6DSV320X Datasheet HTML 191Page - STMicroelectronics LSM6DSV320X Datasheet HTML 192Page - STMicroelectronics LSM6DSV320X Datasheet HTML 193Page - STMicroelectronics LSM6DSV320X Datasheet HTML 194Page - STMicroelectronics LSM6DSV320X Datasheet HTML 195Page - STMicroelectronics LSM6DSV320X Datasheet HTML 196Page - STMicroelectronics LSM6DSV320X Datasheet HTML 197Page - STMicroelectronics LSM6DSV320X Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 212 page
background image
9.44
WAKE_UP_SRC (45h) ......................................................... 88
9.45
TAP_SRC (46h)............................................................... 89
9.46
D6D_SRC (47h) .............................................................. 90
9.47
STATUS_CONTROLLER_MAINPAGE (48h)....................................... 90
9.48
EMB_FUNC_STATUS_MAINPAGE (49h) ......................................... 91
9.49
FSM_STATUS_MAINPAGE (4Ah) ............................................... 91
9.50
MLC_STATUS_MAINPAGE (4Bh) ............................................... 92
9.51
HG_WAKE_UP_SRC (4Ch)..................................................... 92
9.52
CTRL2_XL_HG (4Dh).......................................................... 93
9.53
CTRL1_XL_HG (4Eh).......................................................... 93
9.54
INTERNAL_FREQ_FINE (4Fh) .................................................. 94
9.55
FUNCTIONS_ENABLE (50h) ................................................... 95
9.56
HG_FUNCTIONS_ENABLE (52h) ............................................... 96
9.57
HG_WAKE_UP_THS (53h) ..................................................... 96
9.58
INACTIVITY_DUR (54h) ....................................................... 97
9.59
INACTIVITY_THS (55h) ........................................................ 98
9.60
TAP_CFG0 (56h).............................................................. 99
9.61
TAP_CFG1 (57h).............................................................100
9.62
TAP_CFG2 (58h).............................................................100
9.63
TAP_THS_6D (59h) ..........................................................101
9.64
TAP_DUR (5Ah) .............................................................102
9.65
WAKE_UP_THS (5Bh) ........................................................102
9.66
WAKE_UP_DUR (5Ch) .......................................................103
9.67
FREE_FALL (5Dh) ...........................................................103
9.68
MD1_CFG (5Eh) .............................................................104
9.69
MD2_CFG (5Fh) .............................................................105
9.70
HAODR_CFG (62h) ..........................................................105
9.71
EMB_FUNC_CFG (63h).......................................................106
9.72
UI_HANDSHAKE_CTRL (64h) .................................................106
9.73
UI_IF2_SHARED_0 (65h) .....................................................107
9.74
UI_IF2_SHARED_1 (66h) .....................................................107
9.75
UI_IF2_SHARED_2 (67h) .....................................................107
9.76
UI_IF2_SHARED_3 (68h) .....................................................108
9.77
UI_IF2_SHARED_4 (69h) .....................................................108
9.78
UI_IF2_SHARED_5 (6Ah) .....................................................108
9.79
CTRL_EIS (6Bh) .............................................................109
LSM6DSV320X
Contents
DS14623 - Rev 1
page 194/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com