Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 196 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 196 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 192Page - STMicroelectronics LSM6DSV320X Datasheet HTML 193Page - STMicroelectronics LSM6DSV320X Datasheet HTML 194Page - STMicroelectronics LSM6DSV320X Datasheet HTML 195Page - STMicroelectronics LSM6DSV320X Datasheet HTML 196Page - STMicroelectronics LSM6DSV320X Datasheet HTML 197Page - STMicroelectronics LSM6DSV320X Datasheet HTML 198Page - STMicroelectronics LSM6DSV320X Datasheet HTML 199Page - STMicroelectronics LSM6DSV320X Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 212 page
background image
13.4
EMB_FUNC_EXEC_STATUS (07h) .............................................131
13.5
PAGE_ADDRESS (08h) .......................................................132
13.6
PAGE_VALUE (09h) ..........................................................132
13.7
EMB_FUNC_INT1 (0Ah) ......................................................132
13.8
FSM_INT1 (0Bh) .............................................................133
13.9
MLC_INT1 (0Dh) .............................................................134
13.10 EMB_FUNC_INT2 (0Eh) ......................................................134
13.11 FSM_INT2 (0Fh) .............................................................135
13.12 MLC_INT2 (11h) .............................................................136
13.13 EMB_FUNC_STATUS (12h) ...................................................136
13.14 FSM_STATUS (13h) ..........................................................137
13.15 MLC_STATUS (15h) ..........................................................137
13.16 PAGE_RW (17h) .............................................................138
13.17 SFLP_GBIASX_L (18h) and SFLP_GBIASX_H (19h) ..............................139
13.18 SFLP_GBIASY_L (1Ah) and SFLP_GBIASY_H (1Bh)..............................139
13.19 SFLP_GBIASZ_L (1Ch) and SFLP_GBIASZ_H (1Dh)..............................139
13.20 SFLP_GRAVX_L (1Eh) and SFLP_GRAVX_H (1Fh) ...............................140
13.21 SFLP_GRAVY_L (20h) and SFLP_GRAVY_H (21h) ...............................140
13.22 SFLP_GRAVZ_L (22h) and SFLP_GRAVY_H (23h) ...............................140
13.23 SFLP_QUATW_L (2Ah) and SFLP_QUATW_H (2Bh) ..............................141
13.24 SFLP_QUATX_L (2Ch) and SFLP_QUATX_H (2Dh) ...............................141
13.25 SFLP_QUATY_L (2Eh) and SFLP_QUATY_H (2Fh) ...............................141
13.26 SFLP_QUATZ_L (30h) and SFLP_QUATZ_H (31h)................................142
13.27 SFLP_GBIASX_INIT_L (32h) and SFLP_GBIASX_INIT_H (33h).....................142
13.28 SFLP_GBIASY_INIT_L (34h) and SFLP_GBIASY_INIT_H (35h).....................142
13.29 SFLP_GBIASZ_INIT_L (36h) and SFLP_GBIASZ_INIT_H (37h) .....................143
13.30 EMB_FUNC_FIFO_EN_A (44h) ................................................143
13.31 EMB_FUNC_FIFO_EN_B (45h) ................................................144
13.32 FSM_ENABLE (46h)..........................................................144
13.33 FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h) .............. 145
13.34 INT_ACK_MASK (4Bh) .......................................................146
13.35 FSM_OUTS1 (4Ch) ..........................................................147
13.36 FSM_OUTS2 (4Dh) ..........................................................147
13.37 FSM_OUTS3 (4Eh)...........................................................148
13.38 FSM_OUTS4 (4Fh)...........................................................148
13.39 FSM_OUTS5 (50h) ...........................................................149
LSM6DSV320X
Contents
DS14623 - Rev 1
page 196/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com