Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 43Page - STMicroelectronics LSM6DSV80X Datasheet HTML 44Page - STMicroelectronics LSM6DSV80X Datasheet HTML 45Page - STMicroelectronics LSM6DSV80X Datasheet HTML 46Page - STMicroelectronics LSM6DSV80X Datasheet HTML 47Page - STMicroelectronics LSM6DSV80X Datasheet HTML 48Page - STMicroelectronics LSM6DSV80X Datasheet HTML 49Page - STMicroelectronics LSM6DSV80X Datasheet HTML 50Page - STMicroelectronics LSM6DSV80X Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 181 page
background image
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve linear acceleration,
angular rate, and temperature data. The register addresses, made up of 7 bits, are used to identify them and to
write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (R/W)
Table 24. FUNC_CFG_ACCESS register
EMB_FUNC_
REG_ACCESS
SHUB_REG
_ACCESS
0(1)
0(1)
FSM_WR_
CTRL_EN
SW_POR
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 25. FUNC_CFG_ACCESS register description
EMB_FUNC_REG_ACCESS Enables access to the embedded functions configuration registers.(1) Default value: 0
SHUB_REG_ACCESS
Enables access to the sensor hub (I²C controller) configuration registers.(2) Default value: 0
FSM_WR_CTRL_EN
Enables the control of the CTRL registers to FSM (FSM can change some configurations of the
device autonomously). Default value: 0
(0: disabled; 1: enabled)
SW_POR
Global reset of the device. Default value: 0
1. Details concerning the embedded functions configuration registers are available in Section 10: Embedded functions register
mapping and Section 11: Embedded functions register description.
2. Details concerning the sensor hub registers are available in Section 14: Sensor hub register mapping and
Section 15: Sensor hub register description.
LSM6DSV80X
Register description
DS14764 - Rev 1
page 47/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com