Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 8 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 4Page - STMicroelectronics LSM6DSV80X Datasheet HTML 5Page - STMicroelectronics LSM6DSV80X Datasheet HTML 6Page - STMicroelectronics LSM6DSV80X Datasheet HTML 7Page - STMicroelectronics LSM6DSV80X Datasheet HTML 8Page - STMicroelectronics LSM6DSV80X Datasheet HTML 9Page - STMicroelectronics LSM6DSV80X Datasheet HTML 10Page - STMicroelectronics LSM6DSV80X Datasheet HTML 11Page - STMicroelectronics LSM6DSV80X Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 181 page
background image
2.8
Sensor fusion low power
A sensor fusion low-power (SFLP) block is available in the LSM6DSV80X for generating the following data based
on the (low-g) accelerometer and gyroscope data processing:
•
Game rotation vector, which provides a quaternion representing the attitude of the device
•
Gravity vector, which provides a three-dimensional vector representing the direction of gravity
•
Gyroscope bias, which provides a three-dimensional vector representing the gyroscope bias
The SFLP block is enabled by setting the SFLP_GAME_EN bit to 1 of the EMB_FUNC_EN_A (04h) embedded
functions register.
The SFLP block can be reinitialized by setting the SFLP_GAME_INIT bit to 1 of the EMB_FUNC_INIT_A (66h)
embedded functions register.
Table 1. Sensor fusion performance
Parameter
Value
Static accuracy
heading / yaw
0.5 deg. / 5 minutes
pitch
1.5 deg.
roll
1.5 deg.
Low dynamic accuracy
heading / yaw
0.7 deg. / 5 minutes
pitch
0.5 deg.
roll
0.5 deg.
High dynamic accuracy
heading / yaw
5.9 deg. / 5 minutes
pitch
1.6 deg.
roll
1.2 deg.
Calibration time
0.8 seconds(1)
Orientation stabilization time
0.7 seconds
1. Time required to reach steady state
LSM6DSV80X
Embedded low-power features
DS14764 - Rev 1
page 8/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com