Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 81 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 81 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 77Page - STMicroelectronics LSM6DSV80X Datasheet HTML 78Page - STMicroelectronics LSM6DSV80X Datasheet HTML 79Page - STMicroelectronics LSM6DSV80X Datasheet HTML 80Page - STMicroelectronics LSM6DSV80X Datasheet HTML 81Page - STMicroelectronics LSM6DSV80X Datasheet HTML 82Page - STMicroelectronics LSM6DSV80X Datasheet HTML 83Page - STMicroelectronics LSM6DSV80X Datasheet HTML 84Page - STMicroelectronics LSM6DSV80X Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 181 page
background image
9.49
CTRL2_XL_HG (4Dh)
Control register 2 high-g accelerometer (R/W)
Table 133. CTRL2_XL_HG register
0(1)
0(1)
0(1)
HG_USR_
OFF_ON_WU
0(1)
0(1)
XL_HG_ST1
XL_HG_ST0
1. This bit must be set to 0 for the correct operation of the device.
Table 134. CTRL2_XL_HG register description
HG_USR_OFF_ON_WU
Drives the data with user offset correction to the high-g wake-up and high-g shock
XL_HG_ST[1:0]
High-g accelerometer self-test selection
(00: normal mode (default);
01: positive sign self-test;
10: negative sign self-test;
11: reserved)
9.50
CTRL1_XL_HG (4Eh)
Control register 1 high-g accelerometer (R/W)
Table 135. CTRL1_XL_HG register
XL_HG_
REGOUT_EN
HG_USR_
OFF_ON_OUT
ODR_XL_
HG_2
ODR_XL_
HG_1
ODR_XL_
HG_0
FS_XL_
HG_2
FS_XL_
HG_1
FS_XL_
HG_0
Table 136. CTRL1_XL_HG register description
XL_HG_REGOUT_EN
Enables read of high-g accelerometer channel from output registers UI_OUTX_L_A_HG (34h) and
UI_OUTX_H_A_HG (35h) through UI_OUTZ_L_A_HG (38h) and UI_OUTZ_H_A_HG (39h)
HG_USR_OFF_ON_OUT Enables high-g accelerometer user offset functionality on output registers
ODR_XL_HG_[2:0]
High-g accelerometer ODR selection, see Table 137
FS_XL_HG_[2:0]
High-g accelerometer full-scale selection, see Table 138
Table 137. High-g accelerometer ODR selection
Code
ODR
Code
ODR
000
Power-down (default)
100
960 Hz
001
N/A
101
1.92 kHz
010
N/A
110
3.84 kHz
011
480 Hz
111
7.68 kHz
Table 138. High-g accelerometer full-scale selection
FS_XL_HG_[2:0]
Full scale [g]
000
32
001
64
010
80
011
Reserved
100
Reserved
LSM6DSV80X
Register description
DS14764 - Rev 1
page 81/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com