Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 36 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 32Page - STMicroelectronics LSM6DSV80X Datasheet HTML 33Page - STMicroelectronics LSM6DSV80X Datasheet HTML 34Page - STMicroelectronics LSM6DSV80X Datasheet HTML 35Page - STMicroelectronics LSM6DSV80X Datasheet HTML 36Page - STMicroelectronics LSM6DSV80X Datasheet HTML 37Page - STMicroelectronics LSM6DSV80X Datasheet HTML 38Page - STMicroelectronics LSM6DSV80X Datasheet HTML 39Page - STMicroelectronics LSM6DSV80X Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 181 page
background image
6.7.1
Block diagrams of the low-g accelerometer filters
In the LSM6DSV80X , the filtering chain for the accelerometer part is composed of the following:
•
Digital filter (LPF1)
•
Composite filter
Details of the block diagram appear in the following figure.
Figure 19. Low-g accelerometer UI chain
Digital
LP Filter
OP_MODE_XL_[2:0]
ODR_XL_[3:0]
LPF1
Composite
Filter
ADC
Figure 20. Low-g accelerometer composite filter
SLOPE
FILTER
000
001
010
…
111
SPI /
I2C /
MIPI I3C
1
0
HP_SLOPE_XL_EN
LPF2_XL_EN
0
1
Digital
HP Filter
HP_LPF2_XL_BW_[2:0]
Digital
LP Filter
LPF2
S/D Tap
6D / 4D
0
1
LOW_PASS_ON_6D
1
0
SLOPE_FDS
Wake-up
Activity /
Inactivity
Free-fall
Embedded
functions
FIFO
USER
OFFSET
0
1
USR_OFF_ON_OUT
USR_OFF_W
OFS_USR_[7:0]
1
0
USR_OFF_ON_WU
LPF1
Output (1)
®
HP_LPF2_XL_BW_[2:0]
HP_LPF2_XL_BW_[2:0]
1. The cutoff value of the LPF1 output is ODR/2 when the accelerometer is in high-performance mode, high-
accuracy ODR mode, or normal mode. This value is equal to 2300 Hz when the accelerometer is in low-power
mode 1 (2 mean), 912 Hz in low-power mode 2 (4 mean) or 431 Hz in low-power mode 3 (8 mean).
Note:
Embedded functions include finite state machine, machine learning core, pedometer, step detector and step
counter, significant motion detection, and tilt functions.
LSM6DSV80X
Functionality
DS14764 - Rev 1
page 36/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com