Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 7 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 3Page - STMicroelectronics LSM6DSV80X Datasheet HTML 4Page - STMicroelectronics LSM6DSV80X Datasheet HTML 5Page - STMicroelectronics LSM6DSV80X Datasheet HTML 6Page - STMicroelectronics LSM6DSV80X Datasheet HTML 7Page - STMicroelectronics LSM6DSV80X Datasheet HTML 8Page - STMicroelectronics LSM6DSV80X Datasheet HTML 9Page - STMicroelectronics LSM6DSV80X Datasheet HTML 10Page - STMicroelectronics LSM6DSV80X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 181 page
background image
High-g peak tracking feature
The high-g accelerometer peak tracking feature allows monitoring the magnitude of the high-g accelerometer
within a time window that can be defined by issuing dedicated commands from the finite state machine. When
issuing the command related to the end of the monitoring window, this feature stores the high-g accelerometer
three-axis components of the detected peak in the FIFO with a dedicated TAG.
2.6
Machine learning core
The LSM6DSV80X embeds a dedicated core for machine learning processing that provides system flexibility,
allowing some algorithms run in the application processor to be moved to the MEMS sensor with the advantage of
consistent reduction in power consumption.
Machine learning core logic allows identifying if a data pattern (for example motion, pressure, temperature,
magnetic data, and so forth) matches a user-defined set of classes. Typical examples of applications could be
activity detection like running, walking, driving, and so forth.
The LSM6DSV80X machine learning core works on data patterns coming from the low-g, high-g accelerometer
and gyroscope sensors, but it is also possible to connect and process external sensor data (like magnetometer or
pressure sensor) by using the sensor hub feature (mode 2).
The input data can be filtered using a dedicated configurable computation block containing filters and features
computed in a fixed time window defined by the user. Computed feature values and filtered data values can also
be read through the FIFO buffer.
Machine learning processing is based on logical processing composed of a series of configurable nodes
characterized by "if-then-else" conditions where the "feature" values are evaluated against defined thresholds.
Figure 4. Machine learning core in the LSM6DSV80X
Machine
learning core
logical processing
Sensor
data
Computation
block
Decision
tree
Accelerometer
Results
Gyroscope
External sensor
Features
Filters
Meta-classifier
The LSM6DSV80X can be configured to run up to 8 decision trees simultaneously and independently and every
decision tree can generate up to 16 results. The total number of nodes can be up to 256.
The results of the machine learning processing are available in dedicated output registers readable from the
application processor at any time.
The LSM6DSV80X machine learning core can be configured to generate an interrupt when a change in the result
occurs.
2.7
Adaptive self-configuration (ASC)
The LSM6DSV80X supports the adaptive self-configuration (ASC) feature, which allows the FSM to automatically
reconfigure the device in real time based on the detection of a specific motion pattern or based on the output of a
specific decision tree configured in the MLC, without any intervention from the host processor. The FSM can write
a subset of the device registers using the SETR command, which allows indicating the register address and the
new value to be written in such a register. The access to these device registers is mutually exclusive to the host.
LSM6DSV80X
Embedded low-power features
DS14764 - Rev 1
page 7/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com