Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 9Page - STMicroelectronics LSM6DSV80X Datasheet HTML 10Page - STMicroelectronics LSM6DSV80X Datasheet HTML 11Page - STMicroelectronics LSM6DSV80X Datasheet HTML 12Page - STMicroelectronics LSM6DSV80X Datasheet HTML 13Page - STMicroelectronics LSM6DSV80X Datasheet HTML 14Page - STMicroelectronics LSM6DSV80X Datasheet HTML 15Page - STMicroelectronics LSM6DSV80X Datasheet HTML 16Page - STMicroelectronics LSM6DSV80X Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 181 page
background image
Symbol Parameter
Test conditions
Min. Typ.(1) Max.
Unit
Rn
Rate noise density in high-performance mode(5)
FS = ±250 dps - ±4000 dps
3.8
mdps/√Hz
An
Acceleration noise density (low-g) in high-performance mode(6)
FS = ±2 g - ±16 g
60
µg/√Hz
Acceleration noise density (high-g) in high-performance mode
FS = ±32 g - ±80 g
1000
µg/√Hz
Acceleration noise density in normal mode (low-g)(7)(8)
FS = ±2 g - ±16 g
100
µg/√Hz
RMS
Accelerometer RMS noise in low-power mode (low-g)
LPM1
2.7
mg RMS
LPM2
2.1
LPM3
1.5
LA_ODR Linear acceleration output data rate (low-g)
1.875(9)
7.5
15
30
60
120
240
480
960
1.92 k
3.84 k
7.68 k
Hz
G_ODR Angular rate output data rate
7.5
15
30
60
120
240
480
960
1.92 k
3.84 k
7.68 k
HAODR
ODR variation over temperature and supply range in high-accuracy
mode(10)
Gyro on
±1
%
Gyro off
±3
Vst
Linear acceleration self-test output change (low-g)(11)(12)(13)
50
1700
mg
Linear acceleration self-test output change (high-g)(11)(12)(13)
150
2500
mg
Angular rate self-test output change(14)(15)
FS = ±250 dps
20
80
dps
FS = ±4000 dps
150
700
dps
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Preliminary sensitivity tolerance for FS at ±250 dps on first eng. samples
3. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited number of samples.
Not measured during final test for production.
4. Value after calibration.
5. Gyroscope rate noise density in high-performance mode is independent of the ODR and FS setting
6. Accelerometer noise density in high-performance mode is independent of the selected ODR and FS.
LSM6DSV80X
Module specifications
DS14764 - Rev 1
page 13/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com