Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 90 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 90 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 86Page - STMicroelectronics LSM6DSV80X Datasheet HTML 87Page - STMicroelectronics LSM6DSV80X Datasheet HTML 88Page - STMicroelectronics LSM6DSV80X Datasheet HTML 89Page - STMicroelectronics LSM6DSV80X Datasheet HTML 90Page - STMicroelectronics LSM6DSV80X Datasheet HTML 91Page - STMicroelectronics LSM6DSV80X Datasheet HTML 92Page - STMicroelectronics LSM6DSV80X Datasheet HTML 93Page - STMicroelectronics LSM6DSV80X Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 181 page
background image
9.61
TAP_DUR (5Ah)
Tap recognition function setting register (R/W)
Table 162. TAP_DUR register
DUR_3
DUR_2
DUR_1
DUR_0
QUIET_1
QUIET_0
SHOCK_1
SHOCK_0
Table 163. TAP_DUR register description
DUR_[3:0]
Duration of maximum time gap for double-tap recognition. Default: 0000
When double-tap recognition is enabled, this register expresses the maximum time between two consecutive
detected taps to determine a double-tap event. The default value of these bits is 0000b which corresponds to
16/ODR_XL time. If the DUR_[3:0] bits are set to a different value, 1LSB corresponds to 32/ODR_XL time.
QUIET_[1:0]
Expected quiet time after a tap detection. Default value: 00
Quiet time is the time after the first detected tap in which there must not be any overthreshold event. The
default value of these bits is 00b which corresponds to 2/ODR_XL time. If the QUIET_[1:0] bits are set to a
different value, 1LSB corresponds to 4/ODR_XL time.
SHOCK_[1:0]
Maximum duration of overthreshold event. Default value: 00
Maximum duration is the maximum time of an overthreshold signal detection to be recognized as a tap event.
The default value of these bits is 00b which corresponds to 4/ODR_XL time. If the SHOCK_[1:0] bits are set to
a different value, 1LSB corresponds to 8/ODR_XL time.
9.62
WAKE_UP_THS (5Bh)
Single/double-tap selection and wake-up configuration (R/W)
Table 164. WAKE_UP_THS register
SINGLE_
DOUBLE_TAP
USR_OFF
_ON_WU
WK_THS_5
WK_THS_4
WK_THS_3
WK_THS_2
WK_THS_1
WK_THS_0
Table 165. WAKE_UP_THS register description
SINGLE_DOUBLE_TAP
Enables single/double-tap event. Default value: 0
(0: only single-tap event enabled;
1: both single and double-tap events enabled)
USR_OFF_ON_WU
Drives the low-pass filtered data with user offset correction (instead of high-pass filtered data) to the
wake-up and the activity/inactivity functions. Refer to Figure 24. Default value: 0
WK_THS_[5:0]
Wake-up threshold. The resolution of the threshold depends on the value of
WU_INACT_THS_W_[2:0] in the INACTIVITY_DUR (54h) register. Default value: 000000
LSM6DSV80X
Register description
DS14764 - Rev 1
page 90/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com