Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 19Page - STMicroelectronics LSM6DSV80X Datasheet HTML 20Page - STMicroelectronics LSM6DSV80X Datasheet HTML 21Page - STMicroelectronics LSM6DSV80X Datasheet HTML 22Page - STMicroelectronics LSM6DSV80X Datasheet HTML 23Page - STMicroelectronics LSM6DSV80X Datasheet HTML 24Page - STMicroelectronics LSM6DSV80X Datasheet HTML 25Page - STMicroelectronics LSM6DSV80X Datasheet HTML 26Page - STMicroelectronics LSM6DSV80X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 181 page
background image
5.1.2
I²C operation
The transaction on the bus is started through a start (ST) signal. A start condition is defined as a high to low
transition on the data line while the SCL line is held high. After this has been transmitted by the controller, the bus
is considered busy. The next byte of data transmitted after the start condition contains the address of the target in
the first 7 bits and the eighth bit tells whether the controller is receiving data from the target or transmitting data to
the target. When an address is sent, each device in the system compares the first seven bits after a start
condition with its address. If they match, the device considers itself addressed by the controller.
The target address (TAD) associated to the LSM6DSV80X is 110101xb. The SDO/TA0 pin can be used to modify
the less significant bit of the device address. If the SDO/TA0 pin is connected to the supply voltage, LSb is 1
(address 1101011b); else if the SDO/TA0 pin is connected to ground, the LSb value is 0 (address 1101010b). This
solution permits to connect and address two different inertial modules to the same I²C bus.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line low so that it remains stable low during the high period of the
acknowledge clock pulse. A receiver that has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the LSM6DSV80X behaves like a target device and the following protocol must be
adhered to. After the start condition (ST) a target address is sent, once a target acknowledge (TAK) has been
returned, an 8-bit subaddress (SUB) is transmitted. The increment of the address is configured by the CTRL3
(12h) (IF_INC).
The target address is completed with a read/write bit. If the bit is 1 (read), a repeated start (SR) condition must be
issued after the two subaddress bytes; if the bit is 0 (write) the controller transmits to the target with direction
unchanged. Table 12 explains how the TAD+read/write bit pattern is composed, listing all the possible
configurations.
Table 12. TAD+read/write patterns
Command
TAD[6:1]
TAD[0] = TA0
R/W
TAD+R/W
Read
110101
0
1
11010101 (D5h)
Write
110101
0
0
11010100 (D4h)
Read
110101
1
1
11010111 (D7h)
Write
110101
1
0
11010110 (D6h)
Table 13. Transfer when controller is writing one byte to target
Controller
ST
SAD + W
SUB
DATA
SP
Target
TAK
TAK
TAK
Table 14. Transfer when controller is writing multiple bytes to target
Controller
ST
TAD + W
SUB
DATA
DATA
SP
Target
TAK
TAK
TAK
TAK
Table 15. Transfer when controller is receiving (reading) one byte of data from target
Controller
ST
TAD + W
SUB
SR
TAD + R
NCAK
SP
Target
TAK
TAK
TAK
DATA
Table 16. Transfer when controller is receiving (reading) multiple bytes of data from target
Controller
ST
SAD+W
SUB
SR
SAD+R
MAK
MAK
NMAK
SP
Target
TAK
TAK
TAK
DATA
DATA
DATA
LSM6DSV80X
Digital interfaces
DS14764 - Rev 1
page 23/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com