Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 34Page - STMicroelectronics LSM6DSV80X Datasheet HTML 35Page - STMicroelectronics LSM6DSV80X Datasheet HTML 36Page - STMicroelectronics LSM6DSV80X Datasheet HTML 37Page - STMicroelectronics LSM6DSV80X Datasheet HTML 38Page - STMicroelectronics LSM6DSV80X Datasheet HTML 39Page - STMicroelectronics LSM6DSV80X Datasheet HTML 40Page - STMicroelectronics LSM6DSV80X Datasheet HTML 41Page - STMicroelectronics LSM6DSV80X Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 181 page
background image
6.8
FIFO
The presence of a FIFO allows consistent power saving for the system since the host processor does not need
continuously poll data from the sensor, but it can wake up only when needed and burst the significant data out
from the FIFO.
The LSM6DSV80X embeds 1.5 KB of data in FIFO (up to 4.5 KB with the compression feature enabled) to store
the following data:
•
Gyroscope
•
Low-g accelerometer
•
High-g accelerometer
•
External sensors (up to four)
•
Step counter
•
Timestamp
•
Temperature
•
FSM events
•
High-g accelerometer peak value
•
MLC features, filters, and results
•
SFLP output data (quaternion, gyroscope bias, gravity vector)
The applications have maximum flexibility in choosing the rate of batching for physical sensors with FIFO-
dedicated configurations: low-g accelerometer, gyroscope, and temperature sensor batch rates can be selected
by the user. Writing external sensors in the FIFO can be triggered depending on the sensor hub rate chosen or by
an external sensor interrupt. The step counter can be stored in the FIFO with an associated timestamp each time
a step is detected. The status of the FSMs when they are generating an interrupt event can be stored in the FIFO,
as well as the long counter overrun event or the long counter value when a specific command is executed from
one FSM, all associated with the timestamp value. The high-g accelerometer peak value detected from the high-g
peak tracking feature is stored in FIFO. Results from SFLP (quaternion, gyroscope bias, gravity vector) can be
stored in the FIFO at the rate selected for the algorithm. Moreover, MLC features, filters, and results can be
enabled to be stored in the FIFO. It is possible to select decimation for timestamp batching in FIFO with a factor of
1, 8, or 32.
The reconstruction of a FIFO stream is a simple task thanks to the FIFO_DATA_OUT_TAG byte that allows
recognizing the meaning of a word in FIFO.
FIFO allows correct reconstruction of the timestamp information for each sensor stored in FIFO. If a change in the
ODR or BDR (batch data rate) configuration is performed, the application can correctly reconstruct the timestamp
and know exactly when the change was applied without disabling FIFO batching. FIFO stores information of the
new configuration and timestamp in which the change was applied in the device.
Finally, FIFO embeds a compression algorithm that the user can enable in order to have up to 4.5 KB data stored
in FIFO and take advantage of interface communication length for FIFO flushing and communication power
consumption.
The programmable FIFO watermark threshold can be set using the WTM[7:0] bits in the FIFO_CTRL1 (07h)
register. To monitor the FIFO status, dedicated registers (FIFO_STATUS1 (1Bh), FIFO_STATUS2 (1Ch)) can be
read to detect FIFO overrun events, FIFO full status, FIFO empty status, FIFO watermark status, and the number
of unread samples stored in the FIFO. To generate dedicated interrupts on the INT1 and INT2 pins of these status
events, the configuration can be set in INT1_CTRL (0Dh) and INT2_CTRL (0Eh).
The FIFO buffer can be configured according to seven different modes:
•
Bypass mode
•
FIFO mode
•
Continuous mode
•
Continuous-to-FIFO mode
•
ContinuousWTM-to-full mode
•
Bypass-to-continuous mode
•
Bypass-to-FIFO mode
Each mode is selected by the FIFO_MODE_[2:0] bits in the FIFO_CTRL4 (0Ah) register.
LSM6DSV80X
Functionality
DS14764 - Rev 1
page 38/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com