Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 78 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 78 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 74Page - STMicroelectronics LSM6DSV80X Datasheet HTML 75Page - STMicroelectronics LSM6DSV80X Datasheet HTML 76Page - STMicroelectronics LSM6DSV80X Datasheet HTML 77Page - STMicroelectronics LSM6DSV80X Datasheet HTML 78Page - STMicroelectronics LSM6DSV80X Datasheet HTML 79Page - STMicroelectronics LSM6DSV80X Datasheet HTML 80Page - STMicroelectronics LSM6DSV80X Datasheet HTML 81Page - STMicroelectronics LSM6DSV80X Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 181 page
background image
9.43
D6D_SRC (47h)
Portrait, landscape, face-up and face-down source register (R)
Table 121. D6D_SRC register
0
D6D_IA
ZH
ZL
YH
YL
XH
XL
Table 122. D6D_SRC register description
D6D_IA
Interrupt active for change position portrait, landscape, face-up, face-down. Default value: 0
(0: change position not detected; 1: change position detected)
ZH
Z-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
ZL
Z-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
YH
Y-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over-threshold) detected)
YL
Y-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
XH
X-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
XL
X-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
9.44
STATUS_CONTROLLER_MAINPAGE (48h)
Sensor hub source register (R)
Table 123. STATUS_CONTROLLER_MAINPAGE register
WR_ONCE_
DONE
TARGET3_
NACK
TARGET2_
NACK
TARGET1_
NACK
TARGET0_
NACK
0
0
SENS_HUB
_ENDOP
Table 124. STATUS_CONTROLLER_MAINPAGE register description
WR_ONCE_DONE
When the bit WRITE_ONCE in CONTROLLER_CONFIG (14h) is configured as 1, this bit is set to 1
when the write operation on target 0 has been performed and completed. Default value: 0
TARGET3_NACK
This bit is set to 1 if not acknowledge occurs on target 3 communication. Default value: 0
TARGET2_NACK
This bit is set to 1 if not acknowledge occurs on target 2 communication. Default value: 0
TARGET1_NACK
This bit is set to 1 if not acknowledge occurs on target 1 communication. Default value: 0
TARGET0_NACK
This bit is set to 1 if not acknowledge occurs on target 0 communication. Default value: 0
SENS_HUB_ENDOP
Sensor hub communication status. Default value: 0
(0: sensor hub communication not concluded;
1: sensor hub communication concluded)
LSM6DSV80X
Register description
DS14764 - Rev 1
page 78/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com