Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 26Page - STMicroelectronics LSM6DSV80X Datasheet HTML 27Page - STMicroelectronics LSM6DSV80X Datasheet HTML 28Page - STMicroelectronics LSM6DSV80X Datasheet HTML 29Page - STMicroelectronics LSM6DSV80X Datasheet HTML 30Page - STMicroelectronics LSM6DSV80X Datasheet HTML 31Page - STMicroelectronics LSM6DSV80X Datasheet HTML 32Page - STMicroelectronics LSM6DSV80X Datasheet HTML 33Page - STMicroelectronics LSM6DSV80X Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 181 page
background image
Command
Command code
Default
Description
GETMXDS
0x94
0x08
0x60
Return max write and read speed
GETCAPS
0x95
0x00
0x11
0x18
0x00
Provide information about device capabilities and supported extended features
SETGRPA
0x9B
Group address assignment command
RSTGRPA
0x2C / 0x9C
Reset the group address
RSTACT
0x9A / 0x2A
Configure target reset action
5.2.3
Overview of antispike filter management
The device acts as a standard I²C target as long as it has an I²C static address. The device is capable of
detecting and disabling the I²C antispike filter after detecting the broadcast address (7'h7E/W). In order to
guarantee proper behavior of the device, the I3C controller must emit the first START, 7'h7E/W at open-drain
speed using I²C fast mode plus reference timing.
After detecting the broadcast address, the device can receive the I3C dynamic address following the I3C push-
pull timing. If the device is not assigned a dynamic address, then the device continues to operate as an I²C device
with no antispike filter. For the case in which the host decides to keep the device as I²C with an antispike filter,
there is a configuration required to keep the antispike filter active. This configuration is done by writing the
ASF_CTRL bit to 1 in the IF_CFG (03h) register. This configuration forces the antispike filter to always be turned
on instead of being managed by the communication on the bus.
5.3
I²C controller interface
If the LSM6DSV80X is configured in mode 2, an I²C controller line is available. The controller serial interface is
mapped to the following dedicated pins.
Table 18. I²C controller pin details
Pin name
Pin description
CSCL
I²C controller serial clock
CSDA
I²C controller serial data
CDRDY
I²C controller external synchronization signal
LSM6DSV80X
Digital interfaces
DS14764 - Rev 1
page 30/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com