Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 53 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 49Page - STMicroelectronics LSM6DSV80X Datasheet HTML 50Page - STMicroelectronics LSM6DSV80X Datasheet HTML 51Page - STMicroelectronics LSM6DSV80X Datasheet HTML 52Page - STMicroelectronics LSM6DSV80X Datasheet HTML 53Page - STMicroelectronics LSM6DSV80X Datasheet HTML 54Page - STMicroelectronics LSM6DSV80X Datasheet HTML 55Page - STMicroelectronics LSM6DSV80X Datasheet HTML 56Page - STMicroelectronics LSM6DSV80X Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 181 page
background image
9.9
COUNTER_BDR_REG1 (0Bh)
Counter batch data rate register 1 (R/W)
Table 40. COUNTER_BDR_REG1 register
0(1)
TRIG_COUN
TER_BDR_1
TRIG_COUN
TER_BDR_0
0(1)
XL_HG_
BATCH_EN
0(1)
CNT_
BDR_TH_9
CNT_
BDR_TH_8
1. This bit must be set to 0 for the correct operation of the device.
Table 41. COUNTER_BDR_REG1 register description
TRIG_COUNTER_BDR_[1:0]
Selects the trigger for the internal counter of batch events between the accelerometer and
gyroscope.
(00: low-g accelerometer batch event;
01: gyroscope batch event;
10: reserved;
11: high-g accelerometer batch event)
XL_HG_BATCH_EN
Enables batching accelerometer high-g data in FIFO. Default value: 0
CNT_BDR_TH_[9:8]
In conjunction with CNT_BDR_TH_[7:0] in COUNTER_BDR_REG2 (0Ch), sets the threshold
for the internal counter of batch events. When this counter reaches the threshold, the counter
is reset and the COUNTER_BDR_IA flag in FIFO_STATUS2 (1Ch) is set to 1.
9.10
COUNTER_BDR_REG2 (0Ch)
Counter batch data rate register 2 (R/W)
Table 42. COUNTER_BDR_REG2 register
CNT_
BDR_TH_7
CNT_
BDR_TH_6
CNT_
BDR_TH_5
CNT_
BDR_TH_4
CNT_
BDR_TH_3
CNT_
BDR_TH_2
CNT_
BDR_TH_1
CNT_
BDR_TH_0
Table 43. COUNTER_BDR_REG2 register description
CNT_BDR_TH_[7:0]
In conjunction with CNT_BDR_TH_[9:8] in COUNTER_BDR_REG1 (0Bh), sets the threshold for the
internal counter of batch events. When this counter reaches the threshold, the counter is reset and the
COUNTER_BDR_IA flag in FIFO_STATUS2 (1Ch) is set to 1.
LSM6DSV80X
Register description
DS14764 - Rev 1
page 53/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com