Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 3 Page - STMicroelectronics

  LSM6DSV80X Datasheet HTML 1Page - STMicroelectronics LSM6DSV80X Datasheet HTML 2Page - STMicroelectronics LSM6DSV80X Datasheet HTML 3Page - STMicroelectronics LSM6DSV80X Datasheet HTML 4Page - STMicroelectronics LSM6DSV80X Datasheet HTML 5Page - STMicroelectronics LSM6DSV80X Datasheet HTML 6Page - STMicroelectronics LSM6DSV80X Datasheet HTML 7Page - STMicroelectronics LSM6DSV80X Datasheet HTML 8Page - STMicroelectronics LSM6DSV80X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 181 page
background image
1
Overview
The LSM6DSV80X is a 6-axis system-in-package featuring a high-performance 3-axis digital low-g accelerometer
(16 g), a 3-axis digital high-g accelerometer (80 g), and a 3-axis digital gyroscope.
The LSM6DSV80X delivers best-in-class motion sensing that can detect high-intensity impacts in order to
empower developers to improve tracking in sports activities by accurately measuring both high and low
accelerations efficiently. Whether it is the high-intensity forces in sports or the movements in everyday tracking,
the LSM6DSV80X delivers consistent performance and valuable data for analysis.
The event-detection interrupts enable efficient and reliable motion tracking and context awareness, implementing
hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity or inactivity,
stationary/motion detection and wake-up events. Machine learning and finite state machine processing allow
moving some algorithms from the application processor to the LSM6DSV80X sensor, enabling consistent
reduction of power consumption.
The device supports the main OS requirements, offering real, virtual, and batch mode sensors. In particular, the
LSM6DSV80X is designed to detect significant motion tracking, stationary/motion states, tilt, pedometer functions,
timestamping and to support the data acquisition of external sensors.
The LSM6DSV80X offers hardware flexibility to connect the pins with different mode connections to external
sensors to expand functionalities such as adding a sensor hub.
Channel 1 is designed to track motion detection. Data are available on the output of the I²C / SPI / I3C for the
accelerometer and gyroscope with independent ODR and FS.
Channel 2 is designed for high-g applications with accelerometer processing and independent FS from ±32 g
to ±80 g.
Up to 4.5 KB of FIFO with compression and dynamic allocation of significant data (that is, external sensors,
timestamp, and so forth) allows overall power saving of the system.
The LSM6DSV80X embeds a sensor fusion low-power (SFLP) algorithm able to provide a 6-axis (accelerometer
+ gyroscope) game rotation vector represented as a quaternion. The X, Y, Z quaternion components are stored in
FIFO.
Like the entire portfolio of MEMS sensor modules, the LSM6DSV80X leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit, which is trimmed to better
match the characteristics of the sensing element.
The device embeds advanced dedicated features like a finite state machine and data filtering for motion
processing.
The LSM6DSV80X is available in a small plastic, land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to address
ultracompact solutions.
LSM6DSV80X
Overview
DS14764 - Rev 1
page 3/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com