Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 59 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 55Page - STMicroelectronics LSM6DSV80X Datasheet HTML 56Page - STMicroelectronics LSM6DSV80X Datasheet HTML 57Page - STMicroelectronics LSM6DSV80X Datasheet HTML 58Page - STMicroelectronics LSM6DSV80X Datasheet HTML 59Page - STMicroelectronics LSM6DSV80X Datasheet HTML 60Page - STMicroelectronics LSM6DSV80X Datasheet HTML 61Page - STMicroelectronics LSM6DSV80X Datasheet HTML 62Page - STMicroelectronics LSM6DSV80X Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 181 page
background image
9.17
CTRL4 (13h)
Control register 4 (R/W)
Table 57. CTRL4 register
0(1)
0(1)
0(1)
INT2_on
_INT1
DRDY_
MASK
INT2_
DRDY_TEMP
DRDY_
PULSED
INT2_
IN_LH
1. This bit must be set to 0 for the correct operation of the device.
Table 58. CTRL4 register description
INT2_on_INT1
Enables routing the embedded functions interrupt signals to the INT1 pin. Default value: 0
•
The corresponding bits in the INT2 control registers need to be enabled.
•
These interrupts are in OR with those enabled on the INT1 pin.
•
They are not fed to the INT2 pin.
•
The movable interrupts are:
–
INT2_EMB_FUNC_ENDOP enabled through INT2_CTRL (0Eh)
–
INT2_TIMESTAMP enabled through MD2_CFG (5Fh)
–
INT2_DRDY_TEMP enabled through CTRL4 (13h)
DRDY_MASK
Enables / masks data-ready signal. Default value: 0
(0: disabled;
1: masks DRDY signals (both low-g accelerometer, high-g accelerometer and gyroscope) until filter
settling ends (low-g accelerometer, high-g accelerometer and gyroscope independently masked))
Note: Refer to the product application note for the details regarding operating/power mode
configurations, settings, turn-on/off time, and on-the-fly changes.
INT2_DRDY_TEMP
Enables temperature sensor data-ready interrupt on the INT2 pin. It can be also used to trigger an IBI
when the MIPI I3C® interface is used and INT2_ON_INT1 = 1 in CTRL4_C (13h). Default value: 0
(0: disabled; 1: enabled)
DRDY_PULSED
Enables pulsed data-ready mode. Default value: 0
(0: data-ready latched mode (returns to 0 only after the higher part of the associated output register has
been read);
1: data-ready pulsed mode (the data-ready pulses are 65 μs long))
INT2_IN_LH
Set to 1 in order to change the polarity of the INT2 pin input trigger for the embedded functions. Default
value: 0
(0: trigger for the embedded functions pin is active low;
1: trigger for the embedded functions pin is active high)
LSM6DSV80X
Register description
DS14764 - Rev 1
page 59/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com