Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 57Page - STMicroelectronics LSM6DSV80X Datasheet HTML 58Page - STMicroelectronics LSM6DSV80X Datasheet HTML 59Page - STMicroelectronics LSM6DSV80X Datasheet HTML 60Page - STMicroelectronics LSM6DSV80X Datasheet HTML 61Page - STMicroelectronics LSM6DSV80X Datasheet HTML 62Page - STMicroelectronics LSM6DSV80X Datasheet HTML 63Page - STMicroelectronics LSM6DSV80X Datasheet HTML 64Page - STMicroelectronics LSM6DSV80X Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 181 page
background image
Table 63. Gyroscope LPF1 + LPF2 bandwidth selection
LPF1_G_
BW_[2:0]
60 Hz
120 Hz
240 Hz
480 Hz
960 Hz
1.92 kHz
3.84 kHz
7.68 kHz
000
24.6
49.4
96
175
241
273
280
281
001
24.6
49.4
96
157
195
210
213
213
010
24.6
49.4
96
131
149
155
156
156
011
24.6
49.4
96
188
310
387
403
407
100
24.6
49.4
78.4
94
100
101
102
102
101
24.6
42.6
53
56.7
57.9
58.2
58.3
58
110
18.0
24.2
27.3
28.4
28.7
28.8
28.8
28.8
111
12.1
13.6
14.2
14.3
14.4
14.4
14.4
14.4
9.20
CTRL7 (16h)
Control register 7 (R/W)
Table 64. CTRL7 register
INT1_DRDY
_XL_HG
INT2_DRDY
_XL_HG
0(1)
0(1)
0(1)
0(1)
0(1)
LPF1_G_EN
1. This bit must be set to 0 for the correct operation of the device.
Table 65. CTRL7 register description
INT1_DRDY_XL_HG
Enables a high-g accelerometer data-ready interrupt on the INT1 pin. It can be also used to trigger an
IBI when the MIPI I3C® interface is used. Default value: 0
INT2_DRDY_XL_HG Enables a high-g accelerometer data-ready interrupt on the INT2 pin. Default value: 0
LPF1_G_EN
Enables the gyroscope digital LPF1 filter. The bandwidth can be selected through LPF1_G_BW_[2:0] in
CTRL6 (15h)
LSM6DSV80X
Register description
DS14764 - Rev 1
page 61/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com