Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 30Page - STMicroelectronics LSM6DSV80X Datasheet HTML 31Page - STMicroelectronics LSM6DSV80X Datasheet HTML 32Page - STMicroelectronics LSM6DSV80X Datasheet HTML 33Page - STMicroelectronics LSM6DSV80X Datasheet HTML 34Page - STMicroelectronics LSM6DSV80X Datasheet HTML 35Page - STMicroelectronics LSM6DSV80X Datasheet HTML 36Page - STMicroelectronics LSM6DSV80X Datasheet HTML 37Page - STMicroelectronics LSM6DSV80X Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 181 page
background image
6.6
ODR-triggered mode
When ODR-triggered mode is enabled, a reference signal must be provided to the INT2 pin, and the device then
automatically aligns (in frequency and phase) the data generation to the edges of the reference signal.
It supports the low-g accelerometer only, gyroscope only, and the combo of low-g accelerometer and gyroscope.
When both the accelerometer and gyroscope are enabled, the user must configure the same ODR on both the
accelerometer and gyroscope. It is not possible to select different ODRs for the accelerometer and gyroscope; if
different output data rate values are set, the ODR configured for the gyroscope data is also applied to the
accelerometer data.
The full-scale configurations are totally independent between the accelerometer and gyroscope and they can be
set in any combination.
Note:
ODR-triggered mode has to be enabled / disabled when the device is in power-down mode.
Note:
When ODR-triggered mode is enabled, the 1100 configuration of the ODR_XL_[3:0] bits in register CTRL1 (10h)
and the 1100 configuration of the ODR_G_[3:0] bits in register CTRL2 (11h) cannot be used.
LSM6DSV80X
Functionality
DS14764 - Rev 1
page 34/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com