Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV80X Datasheet(PDF) 85 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 85 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 81Page - STMicroelectronics LSM6DSV80X Datasheet HTML 82Page - STMicroelectronics LSM6DSV80X Datasheet HTML 83Page - STMicroelectronics LSM6DSV80X Datasheet HTML 84Page - STMicroelectronics LSM6DSV80X Datasheet HTML 85Page - STMicroelectronics LSM6DSV80X Datasheet HTML 86Page - STMicroelectronics LSM6DSV80X Datasheet HTML 87Page - STMicroelectronics LSM6DSV80X Datasheet HTML 88Page - STMicroelectronics LSM6DSV80X Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 181 page
background image
9.55
INACTIVITY_DUR (54h)
Activity/inactivity configuration register (R/W)
Table 148. INACTIVITY_DUR register
SLEEP_STATUS
_ON_INT
WU_INACT_
THS_W_2
WU_INACT_
THS_W_1
WU_INACT_
THS_W_0
XL_INACT
_ODR_1
XL_INACT
_ODR_0
INACT
_DUR_1
INACT
_DUR_0
Table 149. INACTIVITY_DUR register description
SLEEP_STATUS_ON_INT
Activity/inactivity interrupt mode configuration.
If the INT1_SLEEP_CHANGE or INT2_SLEEP_CHANGE bit is enabled, drives the sleep status
or sleep change on the INT pin. Default value: 0
(0: sleep change notification on INT pin;
1: sleep status reported on INT pin)
WU_INACT_THS_W_[2:0]
Weight of 1 LSB of wake-up (WU_THS) and activity/inactivity (INACT_THS) threshold.
(000: 7.8125 mg/LSB (default);
001: 15.625 mg/LSB;
010: 31.25 mg/LSB;
011: 62.5 mg/LSB;
100: 125 mg/LSB;
101 - 110 - 111: 250 mg/LSB)
XL_INACT_ODR_[1:0]
Selects the ODR_XL target during inactivity.
(00: 1.875 Hz;
01: 15 Hz (default);
10: 30 Hz;
11: 60 Hz)
INACT_DUR_[1:0]
Duration in the transition from stationary to motion (from inactivity to activity).
(00: transition to motion (activity) immediately at first overthreshold event (default);
01: transition to motion (activity) after two consecutive overthreshold events;
10: transition to motion (activity) after three consecutive overthreshold events;
11: transition to motion (activity) after four consecutive overthreshold events)
LSM6DSV80X
Register description
DS14764 - Rev 1
page 85/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com